Electronic Components Datasheet Search
  English  ▼

X  

1436699 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1436699
Description  Flush-type connector - SACC-CI-M12MSB-5CON-L90 SHSCO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1436699 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1436699 Datasheet HTML 1Page - PHOENIX CONTACT 1436699 Datasheet HTML 2Page - PHOENIX CONTACT 1436699 Datasheet HTML 3Page - PHOENIX CONTACT 1436699 Datasheet HTML 4Page - PHOENIX CONTACT 1436699 Datasheet HTML 5Page - PHOENIX CONTACT 1436699 Datasheet HTML 6Page - PHOENIX CONTACT 1436699 Datasheet HTML 7Page - PHOENIX CONTACT 1436699 Datasheet HTML 8Page - PHOENIX CONTACT 1436699 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
https://www.phoenixcontact.com/pi/products/1436699
09/11/2020   Page 1 / 13
Flush-type connector - SACC-CI-M12MSB-5CON-L90 SH
SCO - 1436699
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Sensor/actuator flush-type connector, plug, 5-pos., B-coded, shielded, with angled solder connection, only
contact insert
Your advantages
 Reduced mounting costs thanks to two-piece device connector
 All common pin assignments and codings available
 Easy device integration thanks to mechanical port screw connections with threaded attachment, press-in contour or direct integration in the front
plate
 Additional gasket for the device when not plugged in
Key Commercial Data
Packing unit
20 pc
Minimum order quantity
20 pc
GTIN
GTIN
4046356438766
Technical data
Ambient conditions
Ambient temperature (operation)
-25 °C ... 85 °C (Plug / socket)
-40 °C ... 85 °C (without mechanical actuation)
Degree of protection
IP67
General
Note
The electrical and mechanical data specified assume that the connector
pair is correctly locked and mounted. If the connector is unlocked and if
there is a danger of contamination, the connector must be sealed using
a protective cap > IP54. Influences arising from litz wires, cables or PCB
assembly must also be taken into consideration.
Rated current at 40°C
4 A


Similar Part No. - 1436699

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1436602 PHOENIX-1436602 Datasheet
675Kb / 11P
SACC-DSIV-MS-5CON-L90 SCO - Device connector, rear mounting
1436615 PHOENIX-1436615 Datasheet
266Kb / 7P
SACC-DSIV-MSB-5CON-L90 SCO - Device connector rear mounting
1436644 PHOENIX-1436644 Datasheet
186Kb / 13P
Flush-type connector - SACC-CI-M12FS-5CON-L90 SCO
09/11/2020
1436657 PHOENIX-1436657 Datasheet
1Mb / 8P
SACC-CI-M12FSB-5CON-L90 SCO - Contact carrier
1436660 PHOENIX-1436660 Datasheet
183Kb / 13P
Flush-type connector - SACC-CI-M12MS-4CON-L90 SCO
09/11/2020
More results

Similar Description - 1436699

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424196 PHOENIX-1424196 Datasheet
281Kb / 7P
Flush-type connector - SACC-CI-M12MS-17CON-L90
1424197 PHOENIX-1424197 Datasheet
273Kb / 7P
Flush-type connector - SACC-CI-M12FS-17CON-L90
1432457 PHOENIX-1432457 Datasheet
342Kb / 8P
Flush-type connector - SACC-CI-M12FSD-4CON-L90 SCO
1432512 PHOENIX-1432512 Datasheet
84Kb / 5P
Flush-type connector - SACC-CI-M12FSB-5CON-L90 SH SCO
1694224 PHOENIX-1694224 Datasheet
68Kb / 3P
Flush-type connector - SACC-DSIV-M12MS-5CON-L90
1436644 PHOENIX-1436644 Datasheet
186Kb / 13P
Flush-type connector - SACC-CI-M12FS-5CON-L90 SCO
09/11/2020
1436686 PHOENIX-1436686 Datasheet
183Kb / 13P
Flush-type connector - SACC-CI-M12MS-5CON-L90 SCO
09/11/2020
1440708 PHOENIX-1440708 Datasheet
93Kb / 4P
Flush-type connector - SACC-CI-M12FSD-4CON-L90
12/17/2018
1439890 PHOENIX-1439890 Datasheet
815Kb / 16P
SACC-CI-M12MS-5CON-L90 SH SCO - Flush-type connector
1424195 PHOENIX-1424195 Datasheet
813Kb / 18P
SACC-CI-M12FS-12CON-L90 - Flush-type connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com