Electronic Components Datasheet Search
  English  ▼

X  

1436699 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1436699
Description  Flush-type connector - SACC-CI-M12MSB-5CON-L90 SHSCO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1436699 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1436699 Datasheet HTML 1Page - PHOENIX CONTACT 1436699 Datasheet HTML 2Page - PHOENIX CONTACT 1436699 Datasheet HTML 3Page - PHOENIX CONTACT 1436699 Datasheet HTML 4Page - PHOENIX CONTACT 1436699 Datasheet HTML 5Page - PHOENIX CONTACT 1436699 Datasheet HTML 6Page - PHOENIX CONTACT 1436699 Datasheet HTML 7Page - PHOENIX CONTACT 1436699 Datasheet HTML 8Page - PHOENIX CONTACT 1436699 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
https://www.phoenixcontact.com/pi/products/1436699
09/11/2020   Page 2 / 13
Flush-type connector - SACC-CI-M12MSB-5CON-L90 SH
SCO - 1436699
Technical data
General
Rated voltage
60 V
Rated surge voltage
1.5 kV
Number of positions
5
Insulation resistance
≥ 100 MΩ
Coding
B - inverse
Standards/regulations
M12 connector IEC 61076-2-101
Status display
No
Overvoltage category
II
Degree of pollution
3
Connection method
Solder pins
Insertion/withdrawal cycles
> 100
Torque
3 Nm ... 4 Nm (Installation-side)
Mounting type
PCB mounting
Material
Flammability rating according to UL 94
V0
Contact material
CuZn
Contact surface material
Au
Contact carrier material
PA 6.6
Sealing material
FKM / EPDM
Cable
Standards/specifications
M12 connector IEC 61076-2-101
Standards and Regulations
Standards/specifications
M12 connector IEC 61076-2-101
Flammability rating according to UL 94
V0
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com