Electronic Components Datasheet Search
  English  ▼

X  

GCS1784 Datasheet(PDF) 2 Page - IOGEAR

Part # GCS1784
Description  4-Port Dual-Link DVI KVMP Switch with 7.1 Audio and Cables (TAA Compliant)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GCS1784 Datasheet(HTML) 2 Page - IOGEAR

  GCS1784 Datasheet HTML 1Page - IOGEAR GCS1784 Datasheet HTML 2Page - IOGEAR GCS1784 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Requirements
Console:
1 DVI display
1 standard 104 key
wired USB keyboard
1 standard 2 or 3
button USB mouse
Computers:
1 DVI port
1 USB port
Operating Systems:
Windows® XP,
Windows Vista®,
Windows® 7,
Windows® 8,
Windows® 8.1,
Windows® 10
Mac OS 9 to 10.x
Oracle® Solaris
Linux®, Unix and
other USB supported
systems*
*Additional drivers and
support may be needed
**IOGEAR’s DynaSync
provides the EDID support
for Windows(R) 7
Package Contents
1 x 4-Port Dual-Link
DVI KVMP Switch
with 7.1 Audio
4 x Dual-Link DVI-D
KVM Cable
4 x 7.1 Audio Cable
1 x Firmware
Upgrade Cable
1 x Power Adapter
1 x Installation Guide
1 x Warranty Card
Specifications
Function
GCS1784
Computer Connections
Direct
4
Port Selection
Hotkey, Push Button
Console Connectors
Mouse
1 x USB Type A Female
Keyboard
1 x USB Type A Female
Monitor
1 x Dual Link DVI-I Female
Flash ROM Upgrade
1 x 4-conductor 3.5mm Jack (Black)
Connectors-Audio(console)
Center/Subwoofer
1 x Mini Stereo Jack Female (Orange)
Line In
1 x Mini Stereo Jack Female (Blue)
Line Out
1 x Mini Stereo Jack Female (Green)
Microphone
1 x Mini Stereo Jack Female (Pink)
Rear Speaker Out
1 x Mini Stereo Jack Female (Black)
Side Speaker Out
1 x Mini Stereo Jack Female (Grey)
CPU Connectors
Dimensions
GCS1784
Unit Dimensions
Width
17in.
Height
2.25in.
Depth
6.125in.
Unit Package Dimensions
Width
22.125in.
Height
9.625in.
Depth
8.25in.
Master Carton
Width
22.875in.
Height
10.75in.
Depth
25.5in.
Master Carton Qty.
3
Weight
Master Carton Wt.
43.4lb
Unit Pack Wt.
13.6lb



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com