Electronic Components Datasheet Search
  English  ▼

X  

GCS1784 Datasheet(PDF) 3 Page - IOGEAR

Part # GCS1784
Description  4-Port Dual-Link DVI KVMP Switch with 7.1 Audio and Cables (TAA Compliant)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GCS1784 Datasheet(HTML) 3 Page - IOGEAR

  GCS1784 Datasheet HTML 1Page - IOGEAR GCS1784 Datasheet HTML 2Page - IOGEAR GCS1784 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Keyboard & Mouse
4 x USB Type B Female
Monitor
4 x Dual Link DVI-I Female
Connectors-Audio(CPU)
Center/Subwoofer
1 x Mini Stereo Jack Female (Orange)
Line In
1 x Mini Stereo Jack Female (Blue)
Line Out
1 x Mini Stereo Jack Female (Green)
Microphone
1 x Mini Stereo Jack Female (Pink)
Rear Speaker Out
1 x Mini Stereo Jack Female (Black)
Side Speaker Out
1 x Mini Stereo Jack Female (Grey)
Peripheral Sharing
2 x USB 2.0 Type A Female
LEDs
Selected
4 (Orange)
USB Peripherals
4 (Green)
Emulation
Keyboard
USB
Mouse
USB
Video Resolution
4K UHD: 3840 x 2160 @30Hz (use with
GHDDVIC4K3, 4K sources, and 4K
monitors); DVI-D: 2560x1600 @60Hz (Dual
Link); 1920x1200 @60Hz (Single Link);
3840x2400 @13Hz (Single Link - with
special monitors only); DVI-A: 2048x1536;
DDC2B
Scan Interval
1-99 sec (5 sec default)
Power
Voltage
DC 5.3V
Amps
2.4A
Environment
Operation Temperature
0~50?C
Storage Temperature
-20~60?C
Humidity
0~80% RH, Non-condensing
Housing
Case
Metal
Unit Wt. w/accessories
10.8lb
Unit Wt.
6lb.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com