Electronic Components Datasheet Search
  English  ▼

X  

MAX11259 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX11259
Description  24-Bit, 6-Channel, 16ksps, 6.2nV/?숰z PGA, Delta-Sigma ADC with I2C Interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11259 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX11259 Datasheet HTML 17Page - Maxim Integrated Products MAX11259 Datasheet HTML 18Page - Maxim Integrated Products MAX11259 Datasheet HTML 19Page - Maxim Integrated Products MAX11259 Datasheet HTML 20Page - Maxim Integrated Products MAX11259 Datasheet HTML 21Page - Maxim Integrated Products MAX11259 Datasheet HTML 22Page - Maxim Integrated Products MAX11259 Datasheet HTML 23Page - Maxim Integrated Products MAX11259 Datasheet HTML 24Page - Maxim Integrated Products MAX11259 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
If data was read, then RDYB transitions from high to low at the output data rate. If the previous data was not read, then
the RDYB transitions from low to high for four master clock cycles and then transitions from high to low. In continuous
mode, RDYB remains high for the first four conversion results and on the 5th result, RDYB goes low.
For sequencer mode 2 and sequencer mode 3, the RDYB behavior for a multichannel conversion can be controlled
by the SEQ:RDYBEN bit. The default value of SEQ:RDYBEN is ‘0’. When set to ‘0’, RDYB behaves the same for
multichannel conversion and single channel operation. The RDYB toggles high to low after each channel is ready to
update its corresponding data register. After the channel data is read, the RDYB will reset back to ‘1’. If the channel
data is not read and the next channel is ready to update its data, the RDYB will toggle low to high four cycles before the
data update (similar to a single channel operation), and then toggle high to low indicating the new channel’s conversion
data is available. If ‘N’ channels are enabled, RDYB will toggle high to low ‘N’ times. If SEQ:RDYBEN is set to ‘1’, the
RDYB event for each channel is suppressed. The RDYB toggles high to low when the last channel is ready to update its
corresponding data register and a single high to low transition happens.
The STAT:SRDY[5:0] bits get set to ‘1’ when their corresponding channel finishes converting, irrespective of the
RDYBEN setting for sequencer modes 2 and 3. The conversion status is available by reading the STAT:MSTAT bit. This
stays high as long as the modulator is converting.
See Figure 4 for timing of RDYB.
SDA (Serial Data Input/Output)
The SDA line is considered an input when the master is transmitting the data to the MAX11259. The SDA line will be
used as an output when the MAX11259 has data to be sent onto the I2C bus during a register read by the host master.
The slave in the MAX11259 implements mandatory requirements as specified in I2C standard, which are detections of
START and STOP conditions and support for ACK/NACK. This slave supports 7-bit addressing and does not support the
general call address.
I2C Sequence:
The master needs to send out the first byte with a valid device address. The last bit of the first byte is a R/W bit and
the master needs to send a '0' in this bit. The device will ignore a '1' sent in this bit. This is followed by a COMMAND
BYTE for the MAX11259 as described in the command structure. The MAX11259 then responds to the command request
depending on the MODE bit in the command.
Writing a Command to the MAX11259 for Conversion/ Calibration/Power-Down
1. I2C START
2. I2C WRITE
a. Send Device Address with a '0' in bit 8 indicating the master will send a command byte followed by the device
address. (8’b0110000_0)
b. Check Acknowledge
c. Send Command byte to convert/power down/calibrate (8’b10_01_xxxx)
d. Check acknowledge
3. I2C STOP
MAX11259
24-Bit, 6-Channel, 16ksps, 6.2nV/√Hz PGA, Delta-
Sigma ADC with I2C Interface
www.analog.com
Analog Devices | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com