Electronic Components Datasheet Search
  English  ▼

X  

1521960 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1521960
Description  Sensor/actuator cable - SAC-4P- 1,5-PUR/M 8FR SH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1521960 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1521960 Datasheet HTML 1Page - PHOENIX CONTACT 1521960 Datasheet HTML 2Page - PHOENIX CONTACT 1521960 Datasheet HTML 3Page - PHOENIX CONTACT 1521960 Datasheet HTML 4Page - PHOENIX CONTACT 1521960 Datasheet HTML 5Page - PHOENIX CONTACT 1521960 Datasheet HTML 6Page - PHOENIX CONTACT 1521960 Datasheet HTML 7Page - PHOENIX CONTACT 1521960 Datasheet HTML 8Page - PHOENIX CONTACT 1521960 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
https://www.phoenixcontact.com/pi/products/1521960
09/11/2020   Page 1 / 13
Sensor/actuator cable - SAC-4P- 1,5-PUR/M 8FR SH - 1521960
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, shielded, free cable end, on
Socket angled M8, cable length: 1.5 m
Your advantages
 Easy and safe: 100% electrically tested plug-in components
 Our standard: robust halogen-free PUR cable
 Reliable signal transmission – 360° shielding in environments with electromagnetic interference
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4017918968915
Technical data
Dimensions
Length of cable
1.5 m
Stripping length of the free conductor end
50 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 90 °C (Plug / socket)
Degree of protection
IP65
IP67
General
Rated current at 40°C
4 A
Rated voltage
48 V AC
60 V DC
Number of positions
4
Insulation resistance
≥ 100 MΩ


Similar Part No. - 1521960

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1521960000 WEIDMULLER-1521960000 Datasheet
61Kb / 1P
SL 5.08/2/135B
More results

Similar Description - 1521960

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415552 PHOENIX-1415552 Datasheet
154Kb / 12P
Sensor/actuator cable - SAC-4P- 1,5-PVC/M 8FR
09/11/2020
1521986 PHOENIX-1521986 Datasheet
162Kb / 13P
Sensor/actuator cable - SAC-4P- 5,0-PUR/M 8FR SH
09/11/2020
1572605 PHOENIX-1572605 Datasheet
92Kb / 4P
Sensor/actuator cable - SAC-4P-10,0-PUR/M 8FR VA
12/06/2018
1669738 PHOENIX-1669738 Datasheet
148Kb / 12P
Sensor/actuator cable - SAC-3P- 1,5-PUR/M 8FR
09/11/2020
1671577 PHOENIX-1671577 Datasheet
178Kb / 13P
Sensor/actuator cable - SAC-4P-M12MR/1,5-PUR/M 8FR
09/11/2020
1476844 PHOENIX-1476844 Datasheet
313Kb / 7P
SAC-4P- 1,5-PUR/P12FS SH - Sensor/actuator cable
1476850 PHOENIX-1476850 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476855 PHOENIX-1476855 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 1,5-PUR SH - Sensor/actuator cable
1224173 PHOENIX-1224173 Datasheet
342Kb / 8P
SAC-4P-P12MS/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1224204 PHOENIX-1224204 Datasheet
380Kb / 8P
SAC-4P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com