Electronic Components Datasheet Search
  English  ▼

X  

1521960 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1521960
Description  Sensor/actuator cable - SAC-4P- 1,5-PUR/M 8FR SH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1521960 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1521960 Datasheet HTML 1Page - PHOENIX CONTACT 1521960 Datasheet HTML 2Page - PHOENIX CONTACT 1521960 Datasheet HTML 3Page - PHOENIX CONTACT 1521960 Datasheet HTML 4Page - PHOENIX CONTACT 1521960 Datasheet HTML 5Page - PHOENIX CONTACT 1521960 Datasheet HTML 6Page - PHOENIX CONTACT 1521960 Datasheet HTML 7Page - PHOENIX CONTACT 1521960 Datasheet HTML 8Page - PHOENIX CONTACT 1521960 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
https://www.phoenixcontact.com/pi/products/1521960
09/11/2020   Page 2 / 13
Sensor/actuator cable - SAC-4P- 1,5-PUR/M 8FR SH - 1521960
Technical data
General
Coding
A - standard
Standards/regulations
M8 connector IEC 61076-2-104
Status display
No
Protective circuit/component
unwired
Overvoltage category
II
Degree of pollution
3
Insertion/withdrawal cycles
≥ 100
Torque
0.2 Nm (M8 connectors)
Material
Flammability rating according to UL 94
HB
Contact material
CuSn
Contact surface material
Ni/Au
Contact carrier material
TPU GF
Material of grip body
TPU, hardly inflammable, self-extinguishing
Material, knurls
Zinc die-cast, nickel-plated
Sealing material
NBR
Standards and Regulations
Standards/specifications
M8 connector IEC 61076-2-104
Flammability rating according to UL 94
HB
Cable
Cable type
PUR halogen-free black
Cable type (abbreviation)
PUR
Cable abbreviation
LiF9YC11Y
UL AWM style
20549
Conductor cross section
4x 0.25 mm² (Signal line)
AWG signal line
24
Conductor structure signal line
32x 0.10 mm
Core diameter including insulation
1.17 mm ±0.02 mm (Signal line)
Thickness, insulation
≥ 0.21 mm (Core insulation)
approx. 0.5 mm (Outer cable sheath)
Wire colors
brown, white, blue, black
Overall twist
4 wires, twisted
Shielding
Braided copper wires
Optical shield covering
80 %
External sheath, color
black-gray RAL 7021
External cable diameter D
4.7 mm ±0.15 mm
Smallest bending radius, fixed installation
24 mm
Smallest bending radius, movable installation
48 mm
Number of bending cycles
10000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com