Electronic Components Datasheet Search
  English  ▼

X  

MAX4460ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4460ESA
Description  SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4460ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4460ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SOT23, 3V/5V, Single-Supply, Rail-to-Rail
Instrumentation Amplifiers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX4460/MAX4461 (continued)
(VDD = 5V, VCM = 0V, VDIFF = VIN+ - VIN- = 50mV to 100mV for G = 1, 20mV to 100mV for G = 10, 2mV to 48mV for G =100,
MAX4460 is configured for G = 10, RL = 200k
Ω to GND, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
G = 1V/V, MAX4461UESA
0.1
0.3
G = 10V/V, MAX4461TESA
0.12
0.35
G = 100V/V, MAX4461HESA
0.15
0.6
G = 10V/V, MAX4460ESA
0.15
0.35
Gain Error
RL = 20k
Ω
MAX446_EUT/MAX446_ETT
0.15
0.6
%
Nonlinearity (Note 1)
RL = 20k
Ω
0.05
0.15
%
Maximum Capacitive Load
CL
No sustained oscillations
100
pF
G = 1V/V, MAX4461U
2500
G = 10V/V, MAX4461T
250
-3dB Bandwidth
BW-3dB
CL = 100pF
G = 100V/V, MAX4461H
25
kHz
Gain-Bandwidth Product
GBWP
CL = 100pF
2.5
MHz
G = 1V/V
0.5
G = 10V/V
0.5
Slew Rate
SR
CL = 100pF
G = 100V/V
0.25
V/µs
G = 1V/V
15
G = 10V/V
75
Settling Time
tS
CL = 100pF,
within 0.1% of
final value
G = 100V/V
250
µs
ELECTRICAL CHARACTERISTICS—MAX4460/MAX4461
(VDD = 5V, VCM = 0V, VDIFF = VIN+ - VIN- = 50mV to 100mV for G = 1, 20mV to 100mV for G = 10, 2mV to 48mV for G = 100,
MAX4460 is configured for G = 10, RL = 200k
Ω to GND, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
Guaranteed by PSRR test
2.85
5.25
V
VDD = 5V, VDIFF = 0V
1.4
Supply Current
VDD = 3V, VDIFF = 0V
1.15
mA
Shutdown Supply Current
MAX4461,
SHDN = GND
VDD = 5V
1
µA
TA = 0
°C to +85°C
±750
MAX4460ESA
TA = -40
°C to +85°C
±950
G = 1
±750
G = 10
±500
TA = 0
°C to
+85
°C
G = 100
±500
G = 1
±950
G = 10
±750
MAX4461ESA
TA = -40
°C to
+85
°C
G = 100
±750
TA = 0
°C to +85°C
±1400
Input Offset Voltage (Note 1)
VOS
MAX446_EUT/
MAX446_ETT
TA = -40
°C to +85°C
±1900
µV
Input Offset-Voltage Drift
TCVOS
(Note 1)
1.5
µV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com