Electronic Components Datasheet Search
  English  ▼

X  

MAX4460ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4460ESA
Description  SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4460ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4460ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4460ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SOT23, 3V/5V, Single-Supply, Rail-to-Rail
Instrumentation Amplifiers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—MAX4462
(VDD = 5V, VSS = 0V, VCM = VREF = VDD/2, RL = 100k
Ω to VDD/2, TA = +25°C, unless otherwise noted. VDIFF = VIN+ - VIN- = -100mV
to +100mV for G = 1 and G = 10, -20mV to +20mV for G = 100.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
Guaranteed by PSRR test
2.85
5.25
V
VDD = 5V, VDIFF = 0V
0.8
1.1
Supply Current
VDD = 3V, VDIFF = 0V
0.68
0.9
mA
MAX4462_ESA
±50
±250
Input Offset Voltage (Note 1)
VOS
MAX4462_EUT/MAX4462_ETT
±100
±500
µV
Differential mode
2
Input Resistance
RIN
VCM = VDD/2
Common mode
2
G
Ω
Input Common-Mode Range
VCM
Guaranteed by Input CMRR test
VSS -
0.1
VDD -
1.7
V
REF Input Range
Guaranteed by REF rejection test
VSS +
0.1
VDD -
1.7
V
Input Common-Mode
Rejection Ratio
CMRR
VCM = (VSS - 0.1V) to (VDD - 1.7V)
90
120
dB
REF Input Rejection Ratio
VCM = (VSS + 0.1V) to (VDD - 1.7V)
85
100
dB
Power-Supply Rejection Ratio
PSRR
VDD = 2.85V to 5.25V
80
100
dB
Input Bias Current
IB
(Note 2)
1
100
pA
f = 10kHz
18
Input Voltage Noise
eN
f = 1kHz
38
nV/
√Hz
RL = 100k
Ω
1
2.5
VOH
VDD - VOH
(Note 3)
RL = 10k
Ω
35
RL = 100k
Ω
24
Output Voltage Swing
VOL
VOL - VSS
(Note 3)
RL = 10k
Ω
612
mV
Short-Circuit Current
ISC
(Note 4)
±150
mA
G = 1V/V, MAX4462UESA
0.1
0.30
G = 10V/V, MAX4462TESA
0.12
0.35
G = 100V/V, MAX4462HESA
0.15
0.5
Gain Error
RL = 10k
Ω
MAX4462_EUT/MAX4462_ETT
0.15
0.5
%
Nonlinearity
RL = 10k
Ω
0.05
0.15
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com