Electronic Components Datasheet Search
  English  ▼

X  

HUM-900-PRC Datasheet(PDF) 5 Page - Linx Technologies

Part # HUM-900-PRC
Description  HumPRC 900MHz Long-Range Handheld Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

HUM-900-PRC Datasheet(HTML) 5 Page - Linx Technologies

  HUM-900-PRC Datasheet HTML 1Page - Linx Technologies HUM-900-PRC Datasheet HTML 2Page - Linx Technologies HUM-900-PRC Datasheet HTML 3Page - Linx Technologies HUM-900-PRC Datasheet HTML 4Page - Linx Technologies HUM-900-PRC Datasheet HTML 5Page - Linx Technologies HUM-900-PRC Datasheet HTML 6Page - Linx Technologies HUM-900-PRC Datasheet HTML 7Page - Linx Technologies HUM-900-PRC Datasheet HTML 8Page - Linx Technologies HUM-900-PRC Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
–
–
1
Description
The OTX-900-HH-LR8-PRC Long-Range
Handheld Transmitter is ideal for general-
purpose remote control and command
applications that require longer transmission
distances. This unit has been pre-certified
for FCC Part 15 and Industry Canada
compliance, reducing costs and time to
market. Operating in the 900MHz band, this
small remote has a transmission range of
up to 0.8 mile (1,300m) depending on the
receiver antenna and operating environment.
The transmitter incorporates the HumPRCTM
Series transceiver module. This module uses
a Frequency Hopping Spread Spectrum
(FHSS) protocol to achieve longer range
and higher noise immunity than narrowband
radios. An automatic acknowledgement
LED lets the user know that the receiver got
the transmission.
The transmitter can be configured with 1 to
8 buttons and the keypad and labeling can
be customized. It uses a single 3V CR2032 lithium button cell.
Features
• FCC and Canada pre-certified
• 1 to 8 buttons
• Small package
• Customizable keypad
Applications
• Long-range remote control
• Keyless entry
• Garage / gate openers
• Lighting control
• Call systems
• Home / industrial automation
PRC Long-Range Handheld Transmitter
Data Guide
Revised 10/15/2018
2
1
3
4
A
B
C
D
ON
ON
ON
ON
FASCO
Lights
Spa
ON
ON
ON
OFF
OFF
OFF
Pool
15.24 mm
(0.60 in)
5.08 mm
(0.20 in)
34.93 mm
(1.38 in)
71.37 mm
(2.81 in)
41.15 mm
(1.62 in)
50.80 mm
(2.00 in)
34.29 mm
(1.35 in)
R 5.08 mm
(0.20 in)
Figure 1: Package Dimensions
Figure 2: With a one-time NRE and minimum
order, Linx can configure the keypad and label
areas to meet your specific requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com