Electronic Components Datasheet Search
  English  ▼

X  

HUM-900-PRC Datasheet(PDF) 6 Page - Linx Technologies

Part # HUM-900-PRC
Description  HumPRC 900MHz Long-Range Handheld Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

HUM-900-PRC Datasheet(HTML) 6 Page - Linx Technologies

Back Button HUM-900-PRC Datasheet HTML 2Page - Linx Technologies HUM-900-PRC Datasheet HTML 3Page - Linx Technologies HUM-900-PRC Datasheet HTML 4Page - Linx Technologies HUM-900-PRC Datasheet HTML 5Page - Linx Technologies HUM-900-PRC Datasheet HTML 6Page - Linx Technologies HUM-900-PRC Datasheet HTML 7Page - Linx Technologies HUM-900-PRC Datasheet HTML 8Page - Linx Technologies HUM-900-PRC Datasheet HTML 9Page - Linx Technologies HUM-900-PRC Datasheet HTML 10Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
–
–
2
Ordering Information
Electrical Specifications
Parameter
Designation Min.
Typ.
Max.
Units
Notes
Power Supply
Operating Voltage
V
CC
2.1
3.0
3.6
VDC
Supply Current
l
CC
38
mA
1
Power-Down Current
l
PDN
1.0
µA
Transmitter Section
Transmit Frequency Range
F
C
902
928
MHz
Environmental
Operating Temperature Range
–40
+85
°C
2,3
Electrical Specifications
Ordering Information
Part Number
Description
OTX-900-HH-LR8-PRC 900MHz HumPRCTM Long-Range Handheld Transmitter
HUM-900-PRC
900MHz HumPRCTM Series Remote Control Transceiver, Cas-
tellation Interface, External Antenna Connection
HUM-900-PRC-CAS
900MHz HumPRCTM Series Remote Control Transceiver, Certi-
fied, Castellation Interface, External Antenna Connection
HUM-900-PRC-UFL
900MHz HumPRCTM Series Remote Control Transceiver, Certi-
fied, Castellation Interface, u.FL Connector
HUM-900-PRO
900MHz HumPROTM Series Data Transceiver, Castellation
Interface, External Antenna Connection
HUM-900-PRO-CAS
900MHz HumPROTM Series Data Transceiver, Certified, Cas-
tellation Interface, External Antenna Connection
HUM-900-PRO-UFL
900MHz HumPROTM Series Data Transceiver, Certified, Cas-
tellation Interface, u.FL Connector
MDEV-900-PRC
900MHz HumPRCTM Series Master Development System
Figure 3: Ordering Information
1.
For a 1-second button press
2.
Characterized, but not tested
3.
The coin cell battery may limit the operating temperature range; check the
manufacturer's reccomendations
Figure 4: Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com