Electronic Components Datasheet Search
  English  ▼

X  

PS4B18 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PS4B18
Description  4-Outlet Power Strip - British BS1363A Outlets, 220-250V AC, 13A, 1.8 m Cord, BS1363A Plug, White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PS4B18 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PS4B18 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PS4B18 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PS4B18 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2022 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Shipping Weight (lbs.)
0.83
Unit Dimensions (hwd / in.)
29.5 x 7.5 x 6.5
Unit Dimensions (hwd / cm)
11.6 x 2.9 x 2.9
Unit Weight (lbs.)
0.81
Unit Weight (kg)
0.37
FEATURES & SPECIFICATIONS
Antimicrobial
No
Rotatable Outlets
No
Built-In Circuit Breaker
Yes
STANDARDS & COMPLIANCE
Approvals
CE, RoHS AND REACH
Certification & Compliance
CE (Europe); RoHS; REACH
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com