Electronic Components Datasheet Search
  English  ▼

X  

PS4B18 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PS4B18
Description  4-Outlet Power Strip - British BS1363A Outlets, 220-250V AC, 13A, 1.8 m Cord, BS1363A Plug, White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PS4B18 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PS4B18 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PS4B18 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PS4B18 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
4-Outlet Power Strip - British BS1363A Outlets,
220-250V AC, 13A, 1.8 m Cord, BS1363A Plug,
White
MODEL NUMBER: PS4B18
4-outlet power strip distributes electricity to home and office electronics, including computers, power tools
and appliances.
Features
29.5 cm Power Strip Delivers Electricity to 4 Devices at the Same TimeCompatible with standard
electrical equipment, this ProtectIt!® power strip features four BS1363A outlets and a durable white plastic
housing. It is ideal for powering almost anything with a compatible plug, including computers and mobile
devices to appliances and power tools.
Allows Flexibility in Placing the Power Strip Away from the WallThe BS1363A plug is attached to a
1.8-meter power cord, which gives you more choices in placing the power strip away from the connected
AC outlet.
Vertical or Horizontal Mounting for Desks and WorkbenchesKeyhole-shaped mounting slots on the
back of the power strip allow you to permanently install it on any flat surface, including walls, with user-
supplied hardware.
Premium Safety Features Designed for Protecting Your Valuable EquipmentThe PS4B18 features an
on/off switch with diagnostic LED that provides one-touch control over all connected devices. An
integrated 13A circuit breaker protects all outlets and automatically cuts power if the protection circuit is
incapacitated, preventing equipment damage and indicating replacement is required.
Highlights
4 BS1363A outlets distribute
power to appliances, tools,
lighting and other electronics
q
1.8 m cord with BS1363A plug
offers flexible placement in
relation to an AC wall outlet
q
29.5 cm plastic housing
designed to withstand the rigors
of everyday use
q
Rear keyhole slots enable
mounting to desk or workbench
for easy access to outlets
q
13A circuit breaker shuts down
all UK outlets for safety in case
of overload
q
Applications
Distribute power to computer
equipment and other devices in
an office, workbench, retail or
telecom environment
q
Mount a power strip to the edge
of a desk or workbench for easy
access to outlets
q
Package Includes
PS4B18 4-Outlet Power Strip,
British BS1363A Outlets, White
q
OVERVIEW
UPC Code
037332250247
INPUT
Nominal Input Voltage(s) Supported
230V AC
1 / 3


Similar Part No. - PS4B18

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PS4B18USBW TRIPPLITE-PS4B18USBW Datasheet
162Kb / 3P
4-Outlet Power Strip with USB-A Charging - BS1363A Outlets, 220-250V, 13A, 1.8 m Cord, BS1363A Plug, White
More results

Similar Description - PS4B18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VC-1734-21-180 ETC2-VC-1734-21-180 Datasheet
119Kb / 2P
BRITISH DETACHABLE POWER SUPPLY CORD
2126H10C3 ETC2-2126H10C3 Datasheet
112Kb / 3P
BRITISH SINGAPOREAN POWER SUPPLY CORD
1796410C3 ETC2-1796410C3 Datasheet
69Kb / 2P
CORDSET - BRITISH POWER SUPPLY CORD
logo
Tripp Lite. All Rights ...
PS1B TRIPPLITE-PS1B Datasheet
165Kb / 3P
2-Outlet Power Strip - British BS1363A Outlets, 220-250V AC, 13A, Direct Plug, BS1363A Plug, White
PS6B18 TRIPPLITE-PS6B18 Datasheet
160Kb / 3P
6-Outlet Power Strip - British BS1363A Outlets, 220-250V AC, 13A, 1.8 m Cord, BS1363A Plug, White
PS6B35W TRIPPLITE-PS6B35W Datasheet
161Kb / 3P
6-Outlet Power Strip - British BS1363A Outlets, Individually Switched, 220-250V, 13A, 3 m Cord, White
PDU3EVNR6H50A TRIPPLITE-PDU3EVNR6H50A Datasheet
192Kb / 4P
14.4kW 208V 3PH Monitored Per-Outlet PDU - LX Interface, Gigabit, 18 Outlets, 50A CS8365C Input, LCD, 1.8 m Cord, 0U 1.8 m Height, TAA
PS4B18USBW TRIPPLITE-PS4B18USBW Datasheet
162Kb / 3P
4-Outlet Power Strip with USB-A Charging - BS1363A Outlets, 220-250V, 13A, 1.8 m Cord, BS1363A Plug, White
TLP6F18USB TRIPPLITE-TLP6F18USB Datasheet
164Kb / 4P
6-Outlet Surge Protector with USB Charging - French Type E Outlets, 220-250V, 16A, 1.8 m Cord, Type E Plug, White
TLP6G18USB TRIPPLITE-TLP6G18USB Datasheet
164Kb / 4P
6-Outlet Surge Protector with USB Charging - German Type F Schuko Outlets, 220-250V, 16A, Schuko Plug, White
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com