Electronic Components Datasheet Search
  English  ▼

X  

PCA8536AT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA8536AT
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8536AT Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA8536AT Datasheet HTML 1Page - NXP Semiconductors PCA8536AT Datasheet HTML 2Page - NXP Semiconductors PCA8536AT Datasheet HTML 3Page - NXP Semiconductors PCA8536AT Datasheet HTML 4Page - NXP Semiconductors PCA8536AT Datasheet HTML 5Page - NXP Semiconductors PCA8536AT Datasheet HTML 6Page - NXP Semiconductors PCA8536AT Datasheet HTML 7Page - NXP Semiconductors PCA8536AT Datasheet HTML 8Page - NXP Semiconductors PCA8536AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
1.
General description
The PCA8576F is a peripheral device which interfaces to almost any Liquid Crystal
Display (LCD)1 with low multiplex rates. It generates the drive signals for any static or
multiplexed LCD containing up to four backplanes and up to 40 segments. It can be easily
cascaded for larger LCD applications. The PCA8576F is compatible with most
microcontrollers and communicates via the two-line bidirectional I2C-bus. Communication
overheads are minimized by a display RAM with auto-incremented addressing, by
hardware subaddressing and by display memory switching (static and duplex drive
modes).
For a selection of NXP LCD segment drivers, see Table 28 on page 46.
2.
Features and benefits
AEC-Q100 grade 2 compliant for automotive applications
Single chip LCD controller and driver
Selectable backplane drive configuration: static or 2, 3, 4 backplane multiplexing
Selectable display bias configuration: static, 1⁄2, or 1⁄3
Internal LCD bias generation with voltage-follower buffers
40 segment drives:
Up to 20 7-segment numeric characters
Up to 10 14-segment alphanumeric characters
Any graphics of up to 160 segments/elements
40
 4-bit RAM for display data storage
Auto-incremented display data loading across device subaddress boundaries
Display memory bank switching in static and duplex drive modes
Versatile blinking modes
Independent supplies possible for LCD and logic voltages
Wide power supply range: from 1.8 V to 5.5 V
Wide LCD supply range:
From 2.5 V for low-threshold LCDs
Up to 8.0 V for high-threshold twisted nematic LCDs
Low power consumption
400 kHz I2C-bus interface
May be cascaded for large LCD applications (up to 1280 segments/elements possible)
No external components required
Compatible with chip-on-glass and chip-on-board technology
PCA8576F
Automotive 40 × 4 LCD driver
Rev. 3 — 3 December 2014
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 19.


Similar Part No. - PCA8536AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8536AT NXP-PCA8536AT Datasheet
678Kb / 2P
I2C/SPI LCD and PWM LED controller for industrial and automotive applications
2011
PCA8536AT NXP-PCA8536AT Datasheet
2Mb / 74P
Automotive LCD driver for low multiplex rates including a 6 channel PWM generator
Rev. 2-21 February 2012
PCA8536AT NXP-PCA8536AT Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCA8536AT NXP-PCA8536AT Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCA8536AT NXP-PCA8536AT Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
More results

Similar Description - PCA8536AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8576D NXP-PCA8576D Datasheet
1Mb / 42P
Automotive 40 x 4 LCD segment driver for low multiplex rates up to 1:4
Rev. 1-4 April 2011
logo
Princeton Technology Co...
PT16528 PTC-PT16528 Datasheet
379Kb / 4P
Automotive 18 x 4 LCD Segment Driver
logo
NXP Semiconductors
PCA85233 NXP-PCA85233 Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCA85276 NXP-PCA85276 Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCF8551 NXP-PCF8551 Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCF8553 NXP-PCF8553 Datasheet
653Kb / 51P
40 횞 4 LCD segment driver
PCA8551 NXP-PCA8551 Datasheet
664Kb / 53P
Automotive 36 횞 4 LCD segment driver
Rev. 3.1-3 May 2021
PCA8561 NXP-PCA8561 Datasheet
694Kb / 50P
Automotive 18 횞 4 LCD segment driver
Rev. 5-15 March 2021
PCE85176AUG NXP-PCE85176AUG Datasheet
395Kb / 48P
4 횞 40 LCD segment driver for Chip-On-Glass
Rev. 1-12 January 2015
PCA8553 NXP-PCA8553 Datasheet
667Kb / 52P
Automotive 40 횞 4 LCD segment driver
Rev. 4-1 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com