Electronic Components Datasheet Search
  English  ▼

X  

PCA8536AT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA8536AT
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8536AT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA8536AT Datasheet HTML 9Page - NXP Semiconductors PCA8536AT Datasheet HTML 10Page - NXP Semiconductors PCA8536AT Datasheet HTML 11Page - NXP Semiconductors PCA8536AT Datasheet HTML 12Page - NXP Semiconductors PCA8536AT Datasheet HTML 13Page - NXP Semiconductors PCA8536AT Datasheet HTML 14Page - NXP Semiconductors PCA8536AT Datasheet HTML 15Page - NXP Semiconductors PCA8536AT Datasheet HTML 16Page - NXP Semiconductors PCA8536AT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
13 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
7.3.4 RAM filling in 1:4 multiplex drive mode
In the 1:4 multiplex drive mode the eight transmitted data bits are placed in two
successive display RAM columns of four rows (see Figure 8).
7.3.5 Data pointer
The addressing mechanism for the display RAM is realized using the data pointer. This
allows the loading of an individual display data byte, or a series of display data bytes, into
any location of the display RAM. The sequence commences with the initialization of the
data pointer by the load-data-pointer command (see Table 8). Following this command, an
arriving data byte is stored at the display RAM address indicated by the data pointer. The
filling order is shown in Figure 5. After each byte is stored, the content of the data pointer
is automatically incremented by a value dependent on the selected LCD drive mode:
• In static drive mode by eight.
• In 1:2 multiplex drive mode by four.
• In 1:3 multiplex drive mode by three.
• In 1:4 multiplex drive mode by two.
If an I2C-bus data access terminates early then the state of the data pointer is unknown.
Consequently, the data pointer must be rewritten prior to further RAM accesses.
7.3.6 Subaddress counter
The storage of display data is determined by the contents of the subaddress counter.
Storage is allowed only when the content of the subaddress counter match with the
hardware subaddress applied to A0 and A1. The subaddress counter value is defined by
the device-select command (see Table 9). If the content of the subaddress counter and
the hardware subaddress do not match then data storage is inhibited but the data pointer
is incremented as if data storage had taken place. The subaddress counter is also
incremented when the data pointer overflows.
Fig 8.
Display RAM filling order in 1:4 multiplex drive mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com