Electronic Components Datasheet Search
  English  ▼

X  

MAX4119EEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4119EEE
Description  Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4119EEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4119EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Choosing Feedback and Gain Resistors
The MAX4112/MAX4113/MAX4117–MAX4120 are cur-
rent feedback amplifiers. Increasing feedback resistor
values will decrease peaking. Use the input resistor
(RG) to change the magnitude of the gain. Figure 2
shows the standard inverting and noninverting configu-
rations. Notice that the gain of the noninverting circuit
(Figure 2b) is 1 plus the magnitude of the inverting
closed-loop gain (Table 1).
DC and Noise Errors
There are several major error sources to consider in
any operational amplifier. These apply equally to the
MAX4112/MAX4113/MAX4117–MAX4120. Offset-error
terms are given by the equation below. Voltage and
current-noise errors are root-square summed and
therefore computed separately. In Figure 3, the total
output offset voltage is determined by:
a) The input offset voltage (VOS) times the closed-loop
gain (1 + (RF / RG)).
b) The positive input bias current (IB+) times the source
resistor (RS) (usually 50Ω or 75Ω), plus the negative
input bias current (IB-) times the parallel combination
of RG and RF. In current-mode feedback amplifiers,
the input bias currents may flow into or out of the
device. For this reason, there is no benefit to match-
ing the resistance at both inputs.
The equation for total DC error is:
c) The total output-referred noise voltage is:
The MAX4112/MAX4117/MAX4119 have a very low,
2nV/√Hz noise voltage. The current noise at the positive
input (in+) is 13pA/√Hz, and the current noise at the
inverting input (in-) is 14pA/√Hz.
An example of the DC error calculations, using the
MAX4112 typical data and the typical operating circuit
where RF = RG = 600Ω (RF
|| RG = 300Ω) and RS = 50Ω,
gives the following:
VOUT = (3.5 x 10-6 x 50 + 3.5 x 10-6 x 300 + 10-3) (1 + 1)
VOUT = 4.45mV
Calculating total output noise in a similar manner yields:
With a 200MHz system bandwidth, this calculates to
133µVRMS (approximately 797µVP-P, choosing the six-
sigma value).
Resistor Types
Surface-mount resistors are the best choice for high-
frequency circuits. They are of similar material to metal-
film resistors, but are deposited using a thick-film
process in a flat, linear manner that minimizes induc-
tance. Their small size and lack of leads also minimizes
parasitic inductance and capacitance, yielding more
predictable performance.
Metal-film resistors with leads are manufactured using
a thin-film process where resistive material is deposited
in a spiral layer around a ceramic rod. Although the
materials used are noninductive, the spiral winding pre-
sents a small inductance (about 5nH) that may have an
adverse effect on high-frequency circuits.
Carbon-composition resistors with leads are manufac-
tured by pouring the resistor material into a mold. This
process yields relatively low-inductance resistors that
are very useful in high-frequency applications, although
they tend to cost more and have more thermal noise
than other types. The ability of carbon-composition
resistors to self-heal after a large current overload
makes them useful in high-power RF applications.
For general-purpose use, surface-mount metal-film
resistors seem to have the best overall performance for
low cost, low inductance, and low noise.
Video Line Driver
The MAX4112/MAX4113/MAX4117–MAX4120 are opti-
mized (gain flatness) to drive coaxial transmission lines
when the cable is terminated at both ends, as shown in
Figure 4. Cable frequency response can cause varia-
tions in the flatness of the signal.
e
1 1
13x10
x50
14x10
x300
2x10
e
9.4nV
Hz
n(OUT)
12
2
12
2
9
2
n(OUT)
/
=+
()
() +() +()
=
−−
−
e
R
R
iR
iR
R
e
n OUT
F
G
nS
nF
G
n
()
||
=+
⎛
⎝
⎜
⎞
⎠
⎟
()
[] + ()
[] +()
+
−
1
22
2
V
I
R
IR
R
V
1+
R
R
OUT
B
S
B
F
G
OS
F
G
||
=
() + ()
() +
[]
⎛
⎝
⎜
⎞
⎠
⎟
+
−
Single/Dual/Quad, 400MHz, Low-Power,
Current Feedback Amplifiers
______________________________________________________________________________________
11
RG
IB-
IB+
VOUT
RF
RS
MAX4112
MAX4113
MAX4117
MAX4118
MAX4119
MAX4120
Figure 3. Output Offset Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com