Electronic Components Datasheet Search
  English  ▼

X  

MAX4119EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4119EEE
Description  Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4119EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4119EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Driving Capacitive Loads
The MAX4112/MAX4113/MAX4117–MAX4120 are opti-
mized for AC performance. They are not designed to
drive highly capacitive loads. Reactive loads decrease
phase margin and can produce excessive ringing and
oscillation. Figure 5a shows a circuit that eliminates this
problem. The small (usually 5Ω to 22Ω) isolation resis-
tor, RS, placed before the reactive load prevents ring-
ing and oscillation. At higher capacitive loads, AC
performance is controlled by the interaction of the load
capacitance and isolation resistor.
Single/Dual/Quad, 400MHz, Low-Power,
Current Feedback Amplifiers
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2007 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
TRANSISTOR COUNT: 53
(MAX4112/MAX4113)
112 (MAX4117/MAX4118)
220 (MAX4119/MAX4120)
SUBSTRATE CONNECTED TO VEE
VIDEO
IN
VIDEO
OUT
75Ω
75Ω CABLE
75Ω CABLE
75Ω
75Ω
RG
RF
MAX4112
MAX4113
MAX4117
MAX4118
MAX4119
MAX4120
Figure 4. Video Line Driver
RG
RF
RS
RL
CL
VIN
MAX4112
MAX4113
MAX4117
MAX4118
MAX4119
MAX4120
Figure 5a. Using an Isolation Resistor (RS) for High Capacitive
Loads
0.1
10
1
100
1000
FREQUENCY (MHz)
CL = 10pF
CL = 15pF
CL = 5pF
12
10
8
6
4
2
0
Figure 5b. Frequency Response vs. Capacitive Load—
No Isolation Resistor
0.1
12
10
8
6
4
2
0
-2
10
1
100
1000
FREQUENCY (MHz)
RS = 0Ω
CL = 10pF
RS = 4.7Ω
RS = 22Ω
RS = 10Ω
Figure 5c. Frequency Response vs. Isolation Resistance
(see Figure 5a for circuit)
_Ordering Information (continued)
___________________Chip Information
*Contact factory for QSOP package availability.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX4119ESD
-40°C to +85°C
14 SO
S14-1
MAX4119EEE
-40°C to +85°C
16 QSOP
E16-1
MAX4120ESD
-40°C to +85°C
14 SO
S14-1
MAX4120EEE
-40°C to +85°C
16 QSOP
E16-1
Revision History
Pages changed at Rev 3: 1–3, 6, 7, 10–12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com