Electronic Components Datasheet Search
  English  ▼

X  

MAX4041ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4041ESA
Description  Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4041ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4041ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Single/Dual/Quad, Low-Cost, SOT23,
Micropower, Rail-to-Rail I/O Op Amps
_______________________________________________________________________________________
9
The MAX4040–MAX4044 family’s inputs are protected
from large differential input voltages by internal 2.2k
Ω
series resistors and back-to-back triple-diode stacks
across the inputs (Figure 2). For differential input volt-
ages (much less than 1.8V), input resistance is typically
45M
Ω. For differential input voltages greater than 1.8V,
input resistance is around 4.4k
Ω, and the input bias
current can be approximated by the following equation:
IBIAS = (VDIFF - 1.8V) / 4.4k
Ω
In the region where the differential input voltage
approaches 1.8V, the input resistance decreases expo-
nentially from 45M
Ω to 4.4kΩ as the diode block begins
conducting. Conversely, the bias current increases with
the same curve.
Rail-to-Rail Output Stage
The MAX4040–MAX4044 output stage can drive up to a
25k
Ω load and still swing to within 60mV of the rails.
Figure 3 shows the output voltage swing of a MAX4040
configured as a unity-gain buffer, powered from a single
+4.0V supply voltage. The output for this setup typically
swings from (VEE + 10mV) to (VCC - 10mV) with a 100k
Ω
load.
Applications Information
Power-Supply Considerations
The MAX4040–MAX4044 operate from a single +2.4V to
+5.5V supply (or dual ±1.2V to ±2.75V supplies) and
consume only 10µA of supply current per amplifier. A
high power-supply rejection ratio of 85dB allows the
amplifiers to be powered directly off a decaying battery
voltage, simplifying design and extending battery life.
Power-Up Settling Time
The MAX4040–MAX4044 typically require 200µs to
power up after VCC is stable. During this start-up time,
the output is indeterminant. The application circuit
should allow for this initial delay.
R3
R3 = R1
R2
R1
R2
MAX4040–
MAX4044
VIN
Figure 1b. Minimizing Offset Error Due to Input Bias Current
(Inverting)
2.2k
Ω
2.2k
Ω
IN-
IN+
Figure 2. Input Protection Circuit
R3
VIN
R3 = R1
R2
R1
R2
MAX4040–
MAX4044
Figure 1a. Minimizing Offset Error Due to Input Bias Current
(Noninverting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com