Electronic Components Datasheet Search
  English  ▼

X  

MAX4041ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4041ESA
Description  Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4041ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4041ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
20
0
-60
-40
-20
20
40
100
SUPPLY CURRENT PER AMPLIFIER
vs. TEMPERATURE
6
4
2
16
14
18
TEMPERATURE (°C)
060
10
8
12
80
VCC = +5.5V
VCC = +2.4V
5
0
-60 -40
-20
0
20
40
100
MAX4041/MAX4043
SHUTDOWN SUPPLY CURRENT
PER AMPLIFIER vs. TEMPERATURE
1
4
TEMPERATURE (°C)
60
2
3
80
VCC = +5.5V
SHDN = 0
VCC = +2.4V
__________________________________________Typical Operating Characteristics
(VCC = +5.0V, VEE = 0, VCM = VCC / 2, SHDN = VCC, RL = 100k
Ω to VCC / 2, TA = +25°C, unless otherwise noted.)
Single/Dual/Quad, Low-Cost, SOT23,
Micropower, Rail-to-Rail I/O Op Amps
4
_______________________________________________________________________________________
Large-Signal Voltage
Gain
Output Voltage Swing
High
VOH
Inferred from the CMRR test
mV
AVOL
dB
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Specified as
VCC - VOH, RL = 25kΩ
Common-Mode
Rejection Ratio
CMRR
dB
(VEE + 0.2V)
≤ VOUT ≤ (VCC - 0.2V), RL = 25kΩ
125
68
Output Voltage Swing
Low
Input Common-Mode
Voltage Range
VCM
VEE
VCC
V
60
VOL
mV
Specified as
VEE - VOL, RL = 25kΩ
75
CONDITIONS
ELECTRICAL CHARACTERISTICS—TA = TMIN to TMAX (continued)
(VCC = +5.0V, VEE = 0V, VCM = 0V, VOUT = VCC / 2, SHDN = VCC, RL = 100k
Ω tied to VCC / 2, unless otherwise noted.) (Note 3)
Note 1: Input bias current and input offset current are tested with VCC = +5.0V and +0.5V
≤ VCM ≤ +4.5V.
Note 2: Tested for VEE
≤ VOUT ≤ VCC. Does not include current through external feedback network.
Note 3: All devices are 100% tested at TA = +25°C. All temperature limits are guaranteed by design.
Power-Supply
Rejection Ratio
PSRR
dB
2.4V
≤ VCC ≤ 5.5V
70
MAX404_EU_
VEE
≤ VCM ≤ VCC
All other packages
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com