Electronic Components Datasheet Search
  English  ▼

X  

MAX4131ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4131ESA
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4131ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MAX4130–MAX4134
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
13
Maxim Integrated
Power Supplies and Layout
The MAX4130–MAX4134 operate from a single +2.7V
to +6.5V power supply, or from dual supplies of ±1.35V
to ±3.25V. For single-supply operation, bypass the
power supply with a 0.1µF ceramic capacitor in parallel
with at least 1µF. For dual supplies, bypass each sup-
ply to ground.
Good layout improves performance by decreasing the
amount of stray capacitance at the op amp’s inputs
and outputs. Decrease stray capacitance by placing
external components close to the op amp’s pins, mini-
mizing trace lengths and resistor leads.
UCSP Applications Information
For the latest application details on UCSP construction,
dimensions, tape carrier information, PC board tech-
niques, bump-pad layout, and the recommended
reflow temperature profile, as well as the latest informa-
tion on reliability testing results, go to Maxim’s website
at www.maxim-ic.com/ucsp and search for the
Application Note:
UCSP–A Wafer-Level Chip-Scale
Package.
SHDN
TIME (1
μs/div)
OUT
Figure 11. Shutdown Output Voltage
SHDN
1V/div
TIME (1
μs/div)
SUPPLY
CURRENT
500
μA/div
Figure 12. Shutdown Enable/Disable Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com