Electronic Components Datasheet Search
  English  ▼

X  

MAX4131ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4131ESA
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4131ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MAX4130–MAX4134
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
5
Maxim Integrated
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = VCC/2, RL tied to VCC/2, SHDN ≥ 2V (or open), TA = -40°C to +85°C, unless
otherwise noted.) (Note 2)
AC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +6.5V, VEE = 0V, SHDN ≥ 2V (or open), TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VIL
Low
0.8
SHDN Logic Threshold
VIH
MAX4131–MAX4134
High
2.0
V
SHDN Input Current
IIL
MAX4131–MAX4134
±3
µA
Operating Supply Voltage Range
VCC
2.7
6.5
V
VCC = 2.7V
1200
MAX4131EBT
VCC = 5V
1350
VCC = 2.7V
1100
Supply Current per Amplifier
ICC
VCM = VOUT =
VCC/2
All other
devices
VCC = 5V
1200
µA
VCC = 2.7V
50
Shutdown Supply Current per
Amplifier
ISHDN
SHDN > 0.8V,
MAX4131–MAX4134
VCC = 5V
70
µA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain-Bandwidth Product
GBWP
10
MHz
Phase Margin
θM
62
Degrees
Gain Margin
GM
12
dB
Total Harmonic Distortion
THD
f = 10kHz, VOUT = 2VP-P (AV = 1)
0.003
%
Slew Rate
SR
4
V/µs
Settling Time to 0.01%
tS
AV = 1, VOUT = 2V step
2.0
µs
Turn-On Time
tON
VCC = 0V to 3V step, VOUT = VCC/2
1
µs
Enable
1
SHDN Delay
MAX4131–MAX4134,
VCC = 3V, VOUT = VCC/2
Disable
0.2
µs
Input Capacitance
CIN
3pF
Input Noise-Voltage Density
en
f = 1kHz
22
nV/
√Hz
Input Noise-Current Density
in
f = 1kHz
0.4
pA/
√Hz
Capacitive-Load Stability
CL
AV = 1
160
pF
Note 2: All devices are 100% tested at TA = +25°C. MAX4130EUK/MAX4131EBT temperature limits are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com