Electronic Components Datasheet Search
  English  ▼

X  

1595821 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1595821
Description  Device connector, front mounting - RC-09S1N122200
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1595821 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1595821 Datasheet HTML 1Page - PHOENIX CONTACT 1595821 Datasheet HTML 2Page - PHOENIX CONTACT 1595821 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1595821
12/06/2018   Page 1 / 3
Device connector, front mounting - RC-09S1N122200 - 1595821
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Device connector for front wall, straight, shielded: yes, Screw locking, M23, No. of pos.: 8+1, type of contact:
Socket, Solder connection, Flat gasket, 4x Ø2,7, flange dimensions: 25 mm x 25 mm, Panel thickness min.: 1
mm
The figure shows the 12-pos.
product version
Key Commercial Data
Packing unit
40 pc
GTIN
GTIN
4046356208437
Technical data
Data of the insulating body
Coding
N
Insertion/withdrawal cycles mechanical
50
Contact connection method
Solder connection
Type of contacts
Socket
Application
Signal
Number of positions
9
Contact diameter of power contacts
2 mm
Litz wire cross section of power contacts min.
0.08 mm²
Litz wire cross section of power contacts max.
2.5 mm²
Nominal current per power contact at 25°C
20 A
Nominal voltage, power contact
300 V
Rated surge voltage
2.5 kV
Overvoltage category
II
Degree of pollution
3
Contact diameter of signal contacts
1 mm
Litz wire cross section of signal contacts min.
0.08 mm²


Similar Part No. - 1595821

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
159582 FESTO-159582 Datasheet
68Kb / 1P
Filter regulator
More results

Similar Description - 1595821

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1597207 PHOENIX-1597207 Datasheet
342Kb / 2P
Device connector, rear mounting - RC-12P1N12H000
1599989 PHOENIX-1599989 Datasheet
300Kb / 2P
Device connector, front mounting - RC-12S2N12WB00
1621567 PHOENIX-1621567 Datasheet
387Kb / 9P
Device connector, front mounting - SH-8ESC58AWA00S
02/04/2022
1621569 PHOENIX-1621569 Datasheet
396Kb / 9P
Device connector, front mounting - SH-8EPC58AWA00S
02/04/2022
1596900 PHOENIX-1596900 Datasheet
72Kb / 3P
Device connector, front mounting - RC-12P1N122200
12/06/2018
1596903 PHOENIX-1596903 Datasheet
59Kb / 2P
Device connector, front mounting - RC-12P1N122300
12/06/2018
1596906 PHOENIX-1596906 Datasheet
72Kb / 3P
Device connector, front mounting - RC-12P1N122K00
12/06/2018
1598132 PHOENIX-1598132 Datasheet
62Kb / 3P
Device connector, front mounting - RC-12P2N12WB00
12/06/2018
1607821 PHOENIX-1607821 Datasheet
135Kb / 8P
Device connector, front mounting - RF-12P2S8AW400
09/11/2020
1615637 PHOENIX-1615637 Datasheet
55Kb / 2P
Device connector, front mounting - RC-12S1N8AWT00
12/07/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com