Electronic Components Datasheet Search
  English  ▼

X  

1595821 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1595821
Description  Device connector, front mounting - RC-09S1N122200
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1595821 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1595821 Datasheet HTML 1Page - PHOENIX CONTACT 1595821 Datasheet HTML 2Page - PHOENIX CONTACT 1595821 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1595821
12/06/2018   Page 2 / 3
Device connector, front mounting - RC-09S1N122200 - 1595821
Technical data
Data of the insulating body
Litz wire cross section of signal contacts max.
1 mm²
Nominal current per signal contact at 25°C
8 A
Nominal voltage, signal contact
300 V
Overvoltage category
II
Degree of pollution
3
Housing data
Housing material
Metal
Flange dimensions
25 mm x 25 mm
Type of locking
Screw locking
Degree of protection (when plugged in)
IP67
Thread type
M23
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Schematic diagram
N
2
4
5
1
9
SO
6
7
8
3
Dimensional drawing
1,5
1
21,3
25
19,8
4x2,7
Ø
RC-00000002200
Flat gasket
Dimensional drawing
Ø2,7
Ø20+0,1
Installation dimensions
Flat gasket, radial O-ring



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com