Electronic Components Datasheet Search
  English  ▼

X  

MIC4420 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC4420
Description  6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4420 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC4420 Datasheet HTML 18Page - Microchip Technology MIC4420 Datasheet HTML 19Page - Microchip Technology MIC4420 Datasheet HTML 20Page - Microchip Technology MIC4420 Datasheet HTML 21Page - Microchip Technology MIC4420 Datasheet HTML 22Page - Microchip Technology MIC4420 Datasheet HTML 23Page - Microchip Technology MIC4420 Datasheet HTML 24Page - Microchip Technology MIC4420 Datasheet HTML 25Page - Microchip Technology MIC4420 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20006092B-page 23
MIC4420/9
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC4420: 6A Peak Low-Side Non-Inverting MOSFET
Driver, Industrial Grade –40°C to +85°C Junction Tempera-
ture Range, RoHS-Compliant.
• MIC4420YM:
8-Lead SOIC, 95/Tube
• MIC4420YM-TR:
8-Lead SOIC, 2,500/Reel
• MIC4420YMM:
8-Lead MSOP, 100/Tube
• MIC4420YMM-TR: 8-Lead MSOP, 2,500/Reel
• MIC4420YN:
8-Lead PDIP, 50/Tube
b) MIC4420: 6A Peak Low-Side Non-Inverting MOSFET
Driver, Commercial Grade 0°C to +70°C Junction Tempera-
ture Range, RoHS-Compliant.
• MIC4420ZM:
8-Lead SOIC, 95/Tube
• MIC4420ZM-TR:
8-Lead SOIC, 2,500/Reel
• MIC4420ZN:
8-Lead PDIP, 50/Tube
• MIC4420ZT:
5-Lead TO-220, 50/Tube
c) MIC4429: 6A Peak Low-Side Inverting MOSFET Driver,
Industrial Grade –40°C to +85°C Junction Temperature
Range, RoHS-Compliant.
• MIC4429YM:
8-Lead SOIC, 95/Tube
• MIC4429YM-TR:
8-Lead SOIC, 2,500/Reel
• MIC4429YMM:
8-Lead MSOP, 100/Tube
• MIC4429YMM-TR: 8-Lead MSOP, 2,500/Reel
• MIC4429YN:
8-Lead PDIP, 50/Tube
d) MIC4429: 6A Peak Low-Side Inverting MOSFET Driver,
Commercial Grade 0°C to +70°C Junction Temperature
Range, RoHS-Compliant.
• MIC4429ZM:
8-Lead SOIC, 95/Tube
• MIC4429ZM-TR:
8-Lead SOIC, 2,500/Reel
• MIC4429ZN:
8-Lead PDIP, 50/Tube
• MIC4429ZT:
5-Lead TO-220, 50/Tube
Device:
MIC4420:
6A Peak Low-Side Non-Inverting MOSFET
Driver, Bipolar/CMOS/DMOS Process
MIC4429:
6A Peak Low-Side Inverting MOSFET
Driver, Bipolar/CMOS/DMOS Process
Junction
Temperature
Range:
Y
=
–40°C to +85°C, RoHS-Compliant
Z
=
0°C to +70°C, RoHS-Compliant
Package:
N
=
8-Lead PDIP
M
=
8-Lead SOIC
MM =
8-Lead MSOP
T
=
5-Lead TO-220
Media Type:
<blank>= 95/Tube (M, SOIC)
<blank>= 100/Tube (MM, MSOP)
<blank>= 50/Tube (N, PDIP & T, TO-220)
TR =
2,500/Reel (SOIC, MSOP)
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Device
X
XX
-XX
Part No.
Junction Temp.
Range
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com