Electronic Components Datasheet Search
  English  ▼

X  

MIC4420 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC4420
Description  6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4420 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC4420 Datasheet HTML 4Page - Microchip Technology MIC4420 Datasheet HTML 5Page - Microchip Technology MIC4420 Datasheet HTML 6Page - Microchip Technology MIC4420 Datasheet HTML 7Page - Microchip Technology MIC4420 Datasheet HTML 8Page - Microchip Technology MIC4420 Datasheet HTML 9Page - Microchip Technology MIC4420 Datasheet HTML 10Page - Microchip Technology MIC4420 Datasheet HTML 11Page - Microchip Technology MIC4420 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MIC4420/9
DS20006092B-page 8
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
FIGURE 2-7:
Propagation Delay Time vs.
Temperature.
FIGURE 2-8:
Supply Current vs.
Capacitive Load.
FIGURE 2-9:
Supply Current vs.
Frequency.
FIGURE 2-10:
Quiescent Power Supply
Voltage vs. Supply Current.
FIGURE 2-11:
Quiescent Power Supply
Current vs. Temperature.
FIGURE 2-12:
High-State Output
Resistance.
60
50
40
30
20
10
–60
–20
20
60
100
140
TEMPERATURE (°C)
D1
t
D2
t
C = 2200 pF
L
V = 18V
S
0
100
1000
10,000
CAPACITIVE LOAD (pF)
84
70
56
42
28
14
0
500 kHz
200 kHz
20 kHz
V = 15V
S
100
0
0
100
1000
10,000
FREQUENCY (kHz)
10
1000
18V
10V
5V
C = 2200 pF
L
1000
800
600
400
200
0
SUPPLY VOLTAGE (V)
04
8
12
16
20
LOGIC “1” INPUT
LOGIC “0” INPUT
900
800
700
600
500
400
–60
–20
20
60
100
140
TEMPERATURE (°C)
LOGIC “1” INPUT
V = 18V
S
5
4
3
2
59
13
V (V)
S
100 mA
50 mA
10 mA
711
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com