Electronic Components Datasheet Search
  English  ▼

X  

SY75602B Datasheet(PDF) 3 Page - Microchip Technology

Part # SY75602B
Description  2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75602B Datasheet(HTML) 3 Page - Microchip Technology

  SY75602B Datasheet HTML 1Page - Microchip Technology SY75602B Datasheet HTML 2Page - Microchip Technology SY75602B Datasheet HTML 3Page - Microchip Technology SY75602B Datasheet HTML 4Page - Microchip Technology SY75602B Datasheet HTML 5Page - Microchip Technology SY75602B Datasheet HTML 6Page - Microchip Technology SY75602B Datasheet HTML 7Page - Microchip Technology SY75602B Datasheet HTML 8Page - Microchip Technology SY75602B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006508B-page 3
SY75602A/02B/603A/03B/604A/04B
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VDD).................................................................................................................................–0.5V to +4.6V
Input Voltage (VIN) ............................................................................................................................. –0.5V to VDD +0.5V
Input ESD Protection (HBM)...................................................................................................................................... 2 kV
Operating Ratings ‡
1.8V Operating Voltage (VDD)...............................................................................................................+1.62V to +1.98V
2.5V Operating Voltage (VDD)...............................................................................................................+2.25V to +2.75V
3.3V Operating Voltage (VDD)...............................................................................................................+2.97V to +3.63V
† Notice: Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only
and functional operation is not implied at conditions other than those detailed in the operational sections of this data
sheet. Exposure to absolute maximum ratings conditions may affect device reliability.
‡ Notice: The data sheet limits are not ensured if the device is operated beyond the recommended operating
conditions.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VDD = 3.3V ±10%, 2.5V±10%; 1.8V±10%; TA = –40°C to +105°C, unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions
Current Consumption
Core Device Current
IDD
—
9
13
mA
SY75602, Output current
excluded (no load)
—
9
13
SY75603/04, all outputs
disabled
Current dissipation per each
LP-HCSL output
IOUT_HCSL
—
3.5
3.9
mA Note 1
Power Supply Noise Rejection Ratio Characteristics
Power Supply Noise
Rejection Ratio
PSNRRHSCL
—
70
—
dB
100 mVPP, 100 kHz noise
injected to VDD. Clock
Frequency 100 MHz, VDD = 3.3V
Input Characteristics
Input Slew Rate
SRIN
0.6
—
—
V/ns —
Differential Input High
Voltage
VIH
0.15
—
—
V
—
Differential Input Low Voltage
VIL
—
—
–0.15
V
—
Input Voltage Swing
VSWING
0.15
—
—
VDIFF —
Absolute Crossing Point
Voltage
VCROSS
0.25
—
0.55
V
—
Variation of VCROSS Over All
Edges
VCROSS_DELTA
—
—
0.14
V
—
Voltage High for Output
Enable
VIH_OE
0.7* VDD
—
—
V
SY75603/4 only
Voltage Low for Output
Enable
VIL_OE
—
—
0.3* VDD
V
SY75603/4 only
Input Leakage Current
IIL_IN
–5
—
5
µA
VIN = VIN(MAX), VIN = GND
Input Capacitance
CIN
—
—
5
pF
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com