Electronic Components Datasheet Search
  English  ▼

X  

SY75602B Datasheet(PDF) 7 Page - Microchip Technology

Part # SY75602B
Description  2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75602B Datasheet(HTML) 7 Page - Microchip Technology

Back Button SY75602B Datasheet HTML 3Page - Microchip Technology SY75602B Datasheet HTML 4Page - Microchip Technology SY75602B Datasheet HTML 5Page - Microchip Technology SY75602B Datasheet HTML 6Page - Microchip Technology SY75602B Datasheet HTML 7Page - Microchip Technology SY75602B Datasheet HTML 8Page - Microchip Technology SY75602B Datasheet HTML 9Page - Microchip Technology SY75602B Datasheet HTML 10Page - Microchip Technology SY75602B Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006508B-page 7
SY75602A/02B/603A/03B/604A/04B
FIGURE 1-1:
Single-Ended Measurement Points for Absolute Cross Point and Swing.
FIGURE 1-2:
Single-Ended Measurement Points for Delta Cross Point.
FIGURE 1-3:
Single-Ended Measurement Points for Rise and Fall Time Matching.
TEMPERATURE SPECIFICATIONS
Parameters
Symbol 8-Lead VDFN CL
1.4 mm x 1.6 mm
16-Lead VQFN
3 mm x 3 mm
Unit
Condition
Thermal Resistances
Junction-to-Ambient Thermal Resistance
JA
138
35.7
°C/W
Still air
132
30.8
1m/s airflow
127
28.6
2.5m/s airflow
Junction-to-Board Thermal Resistance
JB
104
5
°C/W —
Junction-to-Case Thermal Resistance
JC
105
49.5
°C/W —
Thermal Characterization, Junction-
to-Top of Package
ΨJT
11.5
3
°C/W Still air
OUTx_n
OUTx_p
Vcross_max = 550mV
Vcross_min = 250mV
Vmax = 1.15V
Vmin = -0.3V
OUTx_n
OUTx_p
Vcross_delta = 140 mV
OUTx_n
OUTx_p
Vcross_median
Vcross_median + 75mV
Vcross_median – 75mV
Vcross_median
tfall
trise
Rise-fall matching = MIN[|trise – tfall|/trise,|trise – tfall|/tfall



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com