Electronic Components Datasheet Search
  English  ▼

X  

ADP221 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP221
Description  Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP221 Datasheet(HTML) 4 Page - Analog Devices

  ADP221 Datasheet HTML 1Page - Analog Devices ADP221 Datasheet HTML 2Page - Analog Devices ADP221 Datasheet HTML 3Page - Analog Devices ADP221 Datasheet HTML 4Page - Analog Devices ADP221 Datasheet HTML 5Page - Analog Devices ADP221 Datasheet HTML 6Page - Analog Devices ADP221 Datasheet HTML 7Page - Analog Devices ADP221 Datasheet HTML 8Page - Analog Devices ADP221 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP220/ADP221
Data Sheet
Rev. H | Page 4 of 20
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
POWER SUPPLY REJECTION RATIO
PSRR
VIN = 2.5 V, VOUT = 0.8 V, IOUT = 100 mA
100 Hz
76
dB
1 kHz
76
dB
10 kHz
70
dB
100 kHz
60
dB
1 MHz
40
dB
VIN = 3.8 V, VOUT = 2.8 V, IOUT = 100 mA
100 Hz
68
dB
1 kHz
68
dB
10 kHz
68
dB
100 kHz
60
dB
1 MHz
40
dB
1
Based on an end-point calculation using 1 mA and 200 mA loads.
2
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 2.5 V.
3
Start-up time is defined as the time between the rising edge of ENx to VOUTx being at 90% of its nominal value.
4
Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V, or 2.7 V.
INPUT AND OUTPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
MINIMUM INPUT AND OUTPUT CAPACITANCE1
CMIN
TA = −40°C to +125°C
0.70
µF
CAPACITOR ESR
RESR
TA = −40°C to +125°C
0.001
1
Ω
1
The minimum input and output capacitance should be greater than 0.70 µF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended;
Y5V and Z5U capacitors are not recommended for use with LDOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com