Electronic Components Datasheet Search
  English  ▼

X  

ADP221 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP221
Description  Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP221 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP221 Datasheet HTML 5Page - Analog Devices ADP221 Datasheet HTML 6Page - Analog Devices ADP221 Datasheet HTML 7Page - Analog Devices ADP221 Datasheet HTML 8Page - Analog Devices ADP221 Datasheet HTML 9Page - Analog Devices ADP221 Datasheet HTML 10Page - Analog Devices ADP221 Datasheet HTML 11Page - Analog Devices ADP221 Datasheet HTML 12Page - Analog Devices ADP221 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADP220/ADP221
Rev. H | Page 9 of 20
2.6
2.7
2.8
2.9
3.0
3.1
INPUT VOLTAGE (V)
180
120
140
160
100
80
60
40
20
0
ILOAD = 1mA
ILOAD = 5mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 200mA
Figure 16. Ground Current vs. Input Voltage (In Dropout)
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
VRIPPLE = 50mV
VIN = 3.8V
VOUT = 2.8V
COUT = 2.2µF
200mA
100mA
10mA
1mA
100µA
Figure 17. Power Supply Rejection Ratio vs. Frequency, 2.8 V
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
VRIPPLE = 50mV
VIN = 4.3V
VOUT = 3.3V
COUT = 1µF
200mA
100mA
10mA
1mA
100µA
Figure 18. Power Supply Rejection Ratio vs. Frequency, 3.3 V
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
–110
–100
VRIPPLE = 50mV
VIN = 2.5V
VOUT = 0.8V
COUT = 1µF
200mA
100mA
10mA
1mA
100µA
Figure 19. Power Supply Rejection Ratio vs. Frequency, 0.8 V
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
3.3V/200mA
0.8V/200mA
1.8V/200mA
3.3V/100µA
0.8V/100µA
1.8V/100µA
Figure 20. Power Supply Rejection Ratio vs. Frequency, at Various Output
Voltages and Load Currents
10
100
1k
10k
100k
FREQUENCY (Hz)
10
0.1
1
0.01
3.3V µV/ Hz
2.8V µV/ Hz
0.8V µV/ Hz
Figure 21. Output Noise Spectrum, VIN = 5 V, ILOAD = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com