Electronic Components Datasheet Search
  English  ▼

X  

ADP322 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP322
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP322 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP322 Datasheet HTML 16Page - Analog Devices ADP322 Datasheet HTML 17Page - Analog Devices ADP322 Datasheet HTML 18Page - Analog Devices ADP322 Datasheet HTML 19Page - Analog Devices ADP322 Datasheet HTML 20Page - Analog Devices ADP322 Datasheet HTML 21Page - Analog Devices ADP322 Datasheet HTML 22Page - Analog Devices ADP322 Datasheet HTML 23Page - Analog Devices ADP322 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADP322/ADP323
Data Sheet
Rev. E | Page 20 of 24
Note that the measured noise reduction is less than the theoretical
noise reduction. Figure 57 shows the noise spectral density of an
adjustable ADP323 set to 500 mV and 2.5 V with and without the
noise reduction network. The output noise with the noise reduction
network is approximately the same for both voltages, especially
beyond 10 Hz. The noise of the 500 mV and 2.5 V outputs without
the noise reduction network differs by a factor of 5 up to approxi-
mately 10 kHz. Above 20 kHz, the closed loop gain of the error
amplifier is limited by its open loop gain characteristic. Therefore,
the noise contribution from 20 kHz to 100 kHz is less than what
it can be if the error amplifier had infinite bandwidth. This is
also the reason why the noise is less than what might be expected
simply based on the dc gain, that is, 39.5 µV rms vs. 70 µV rms.
1
10
100
1k
10k
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
2.5V WITH NR
2.5V WITHOUT NR
500mV
Figure 57. 500 mV and 2.5 V Output Voltage with and Without Noise
Reduction Network
CURRENT-LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP322/ADP323 are protected against damage due to
excessive power dissipation by current and thermal overload
protection circuits. The ADP322/ADP323 are designed to
current limit when the output load reaches 300 mA (typical).
When the output load exceeds 300 mA, the output voltage is
reduced to maintain a constant current limit.
Thermal overload protection is built in, which limits the
junction temperature to a maximum of 155°C (typical). Under
extreme conditions (that is, high ambient temperature and
power dissipation) when the junction temperature starts to
rise above 155°C, the output is turned off, reducing the output
current to zero. When the junction temperature drops below
140°C, the output is turned on again and the output current
is restored to its nominal value.
Consider the case where a hard short from VOUTx to GND
occurs. At first, the ADP322/ADP323 limits current so that only
300 mA is conducted into the short. If self heating of the junction
is great enough to cause its temperature to rise above 155°C,
thermal shutdown activates, turning off the output and reducing
the output current to zero. As the junction temperature cools
and drops below 140°C, the output turns on and conducts 300 mA
into the short, again causing the junction temperature to rise
above 155°C. This thermal oscillation between 140°C and 155°C
causes a current oscillation between 0 mA and 300 mA that
continues as long as the short remains at the output.
Current and thermal limit protections are intended to protect
the device against accidental overload conditions. For reliable
operation, device power dissipation must be externally limited
so that junction temperatures do not exceed 125°C.
THERMAL CONSIDERATIONS
In most applications, the ADP322/ADP323 do not dissipate a lot
of heat due to high efficiency. However, in applications with a high
ambient temperature and high supply voltage to output voltage
differential, the heat dissipated in the package is large enough
that it can cause the junction temperature of the die to exceed
the maximum junction temperature of 125°C.
When the junction temperature exceeds 155°C, the converter
enters thermal shutdown. It recovers only after the junction
temperature decreases below 140°C to prevent any permanent
damage. Therefore, thermal analysis for the chosen application
is very important to guarantee reliable performance over all
conditions. The junction temperature of the die is the sum of
the ambient temperature of the environment and the temperature
rise of the package due to the power dissipation, as shown in
Equation 2.
To guarantee reliable operation, the junction temperature of the
ADP322/ADP323 must not exceed 125°C. To ensure that the
junction temperature stays below this maximum value, the user
must be aware of the parameters that contribute to junction
temperature changes. These parameters include ambient tem-
perature, power dissipation in the power device, and thermal
resistances between the junction and ambient air (θJA). The θJA
number is dependent on the package assembly compounds used
and the amount of copper to which the GND pins of the package
are soldered on the PCB. Table 7 shows typical θJA values for the
ADP322/ADP323 for various PCB copper sizes.
Table 7. Typical θJA Values
Copper Size (mm2)
ADP322/ADP323 Triple LDO (°C/W)
JEDEC1
49.5
100
83.7
500
68.5
1000
64.7
1
Device soldered to JEDEC standard board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com