Electronic Components Datasheet Search
  English  ▼

X  

ADP322 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP322
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP322 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP322 Datasheet HTML 16Page - Analog Devices ADP322 Datasheet HTML 17Page - Analog Devices ADP322 Datasheet HTML 18Page - Analog Devices ADP322 Datasheet HTML 19Page - Analog Devices ADP322 Datasheet HTML 20Page - Analog Devices ADP322 Datasheet HTML 21Page - Analog Devices ADP322 Datasheet HTML 22Page - Analog Devices ADP322 Datasheet HTML 23Page - Analog Devices ADP322 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADP322/ADP323
Rev. E | Page 21 of 24
The junction temperature of the ADP322/ADP323 can be
calculated from the following equation:
TJ = TA + (PD × θJA)
(2)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = Σ[(VIN − VOUT) × ILOAD] + Σ(VIN × IGND)
(3)
where:
ILOAD is the load current.
IGND is the ground current.
VIN and VOUT are input and output voltages, respectively.
Power dissipation due to ground current is quite small and
can be ignored. Therefore, the junction temperature equation
simplifies to
TJ = TA + {Σ[(VIN − VOUT) × ILOAD] × θJA}
(4)
As shown in Equation 4, for a given ambient temperature, input
to output voltage differential, and continuous load current, there
exists a minimum copper size requirement for the PCB to ensure
that the junction temperature does not rise above 125°C. Figure 58
to Figure 61 show junction temperature calculations for different
ambient temperatures, total power dissipation, and areas of
PCB copper.
In cases where the board temperature is known, the thermal
characterization parameter, ΨJB, can be used to estimate the
junction temperature rise. TJ is calculated from TB and PD using
the formula
TJ = TB + (PD × ΨJB)
(5)
The typical ΨJB value for the 16-lead, 3 mm × 3 mm LFCSP is
25.2°C/W.
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
TOTAL POWER DISSIPATION (W)
1000mm2
500mm2
100mm2
50mm2
JEDEC
TJ MAX
Figure 58. Junction Temperature vs. Total Power Dissipation, TA = 25°C
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
TOTAL POWER DISSIPATION (W)
1000mm2
500mm2
100mm2
50mm2
JEDEC
TJ MAX
Figure 59. Junction Temperature vs. Total Power Dissipation, TA = 50°C
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
TOTAL POWER DISSIPATION (W)
1000mm2
500mm2
100mm2
50mm2
JEDEC
TJ MAX
Figure 60. Junction Temperature vs. Total Power Dissipation, TA = 85°C
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TOTAL POWER DISSIPATION (W)
TB = 25°C
TB = 50°C
TB = 85°C
TJ MAX
Figure 61. Junction Temperature vs. Total Power Dissipation and
Board Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com