Electronic Components Datasheet Search
  English  ▼

X  

QPD1003 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPD1003
Description  500W, 50V, 1.2 ??1.4 GHz, GaN RF IMFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1003 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPD1003 Datasheet HTML 9Page - Qorvo, Inc QPD1003 Datasheet HTML 10Page - Qorvo, Inc QPD1003 Datasheet HTML 11Page - Qorvo, Inc QPD1003 Datasheet HTML 12Page - Qorvo, Inc QPD1003 Datasheet HTML 13Page - Qorvo, Inc QPD1003 Datasheet HTML 14Page - Qorvo, Inc QPD1003 Datasheet HTML 15Page - Qorvo, Inc QPD1003 Datasheet HTML 16Page - Qorvo, Inc QPD1003 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
QPD1003
500W, 50V, 1.2
– 1.4 GHz, GaN RF IMFET
Datasheet Rev. E, June 14, 2019 | Subject to change without notice
- 13 of 18 -
www.qorvo.com
Notes:
1.
The QPD1003
will be marked with the “1003” designator and a lot code marked below the part designator. The “YY”
represents the last two digits of the calendar year the part was manufactured, the “WW” is the work week of the assembly lot
start, the “MXXX” is the production lot number.
Pin Configuration and Description, and Package Marking1
Pin Description
Pin
Symbol
Description
1
VG / RF IN
Gate voltage / RF Input
2
VD / RF OUT
Drain voltage / RF Output
3
GND
Package base / Ground
Load-pull Reference Planes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com