Electronic Components Datasheet Search
  English  ▼

X  

QPD1017 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPD1017
Description  450W, 50V, 3.1 ??3.5 GHz, GaN RF IMFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1017 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPD1017 Datasheet HTML 9Page - Qorvo, Inc QPD1017 Datasheet HTML 10Page - Qorvo, Inc QPD1017 Datasheet HTML 11Page - Qorvo, Inc QPD1017 Datasheet HTML 12Page - Qorvo, Inc QPD1017 Datasheet HTML 13Page - Qorvo, Inc QPD1017 Datasheet HTML 14Page - Qorvo, Inc QPD1017 Datasheet HTML 15Page - Qorvo, Inc QPD1017 Datasheet HTML 16Page - Qorvo, Inc QPD1017 Datasheet HTML 17Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
QPD1017
450W, 50V, 3.1
– 3.5 GHz, GaN RF IMFET
Datasheet Rev. D, Aug 24, 2018 | Subject to change without notice
- 13 of 17 -
www.qorvo.com
Package Dimensions1, 2, 3, 4
Notes:
1. All dimensions are in mm. otherwise noted, the tolerance is ±0.15 mm.
2.
Package is an all metal design with ceramic lid and feed thru’s.
3. Package is epoxy sealed.
4. For instruction to mount the part, please refer to application note
“RF565 Package Mounting, Mechanical Mounting and PCB
Considerations
”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com