Electronic Components Datasheet Search
  English  ▼

X  

QPD1017 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPD1017
Description  450W, 50V, 3.1 ??3.5 GHz, GaN RF IMFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1017 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPD1017 Datasheet HTML 1Page - Qorvo, Inc QPD1017 Datasheet HTML 2Page - Qorvo, Inc QPD1017 Datasheet HTML 3Page - Qorvo, Inc QPD1017 Datasheet HTML 4Page - Qorvo, Inc QPD1017 Datasheet HTML 5Page - Qorvo, Inc QPD1017 Datasheet HTML 6Page - Qorvo, Inc QPD1017 Datasheet HTML 7Page - Qorvo, Inc QPD1017 Datasheet HTML 8Page - Qorvo, Inc QPD1017 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
QPD1017
450W, 50V, 3.1
– 3.5 GHz, GaN RF IMFET
Datasheet Rev. D, Aug 24, 2018 | Subject to change without notice
- 2 of 17 -
www.qorvo.com
Absolute Maximum Ratings1
Parameter
Rating
Units
Breakdown Voltage,BVDG
+145
V
Gate Voltage Range, VG
-7 to +2
V
Drain Current
20
A
Gate Current Range, IG
See page 4.
mA
Power Dissipation, 10% DC
100 uS PW, PD , T = 85°C
511
W
RF Input Power, 10% DC
100 uS PW, 3.3 GHz, T =
25°C
+49
dBm
Mounting Temperature
(30 Seconds)
320 
°C
Storage Temperature
−65 to +150
°C
Notes:
1. Operation of this device outside the parameter ranges
given above may cause permanent damage.
Recommended Operating Conditions1, 2, 3, 4
Parameter
Min
Typ
Max Units
Operating Temp. Range
−40
+25
+85
 °C
Drain Voltage Range, VD
+28
+50
+55
V
Drain Bias Current, IDQ
–
750
–
mA
Drain Current, ID
–
15
–
A
Gate Voltage, VG4
–
−2.8
–
V
Power Dissipation, Pulsed
(PD)2, 3
–
–
476
W
Notes:
1. Electrical performance is measured under conditions noted
in the electrical specifications table. Specifications are not
guaranteed over all recommended operating conditions.
2. Package base at 85°C
3. Pulse Width = 100 uS, Duty Cycle = 10%
4. To be adjusted to desired IDQ
Pulsed Characterization
– Load-Pull Performance – Power Tuned1
Parameters
Typical Values
Unit
Frequency, F
3.1
3.3
3.5
GHz
Linear Gain, GLIN
14.8
15.7
15.5
dB
Output Power at 3dB
compression point, P3dB
57.9
57.8
57.6
dBm
Power-Added-Efficiency at 3dB
compression point, PAE3dB
57.5
56.4
54.7
%
Gain at 3dB compression point
11.8
12.7
12.5
dB
Notes:
1. Test conditions unless otherwise noted: VD = 50
 V, IDQ = 750 mA, Temp = 25°C, 100 uS PW, 10% DC
Pulsed Characterization
– Load-Pull Performance – Efficiency Tuned1
Parameters
Typical Values
Unit
Frequency, F
3.1
3.3
3.5
GHz
Linear Gain, GLIN
15.8
16.8
16.8
dB
Output Power at 3dB
compression point, P3dB
56.1
56.2
55.9
dBm
Power-Added-Efficiency at 3dB
compression point, PAE3dB
68.0
66.0
65.0
%
Gain at 3dB compression point,
G3dB
12.8
13.8
13.8
dB
Notes:
1. Test conditions unless otherwise noted: VD = 50
 V, IDQ = 750 mA, Temp = 25°C, 100 uS PW, 10% DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com