Electronic Components Datasheet Search
  English  ▼

X  

CP07-M Datasheet(PDF) 6 Page - CUI INC

Part # CP07-M
Description  PELTIER MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP07-M Datasheet(HTML) 6 Page - CUI INC

Back Button CP07-M Datasheet HTML 2Page - CUI INC CP07-M Datasheet HTML 3Page - CUI INC CP07-M Datasheet HTML 4Page - CUI INC CP07-M Datasheet HTML 5Page - CUI INC CP07-M Datasheet HTML 6Page - CUI INC CP07-M Datasheet HTML 7Page - CUI INC CP07-M Datasheet HTML 8Page - CUI INC CP07-M Datasheet HTML 9Page - CUI INC CP07-M Datasheet HTML 10Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
date 07/08/2020
│ page 6 of 12
CUI Devices
│ SERIES: CP07-M │ DESCRIPTION: PELTIER MODULE
cuidevices.com
0.28 A
0.56 A
0.7 A
0.42 A
0.42 A
0.7 A
0.14 A
0.56 A
0.28 A
0.14 A
70
60
50
40
30
20
10
0
0
T=Th-Tc (°C)
0
0.3
0.8
0.6
0.4
0.2
0.6
0.9
1.2
CP074933-238 PERFORMANCE (Th=27°C)
0.28 A
0.56 A
0.7 A
0.42 A
0.3
0.8
0.42 A
0.7 A
0.14 A
0.56 A
0.28 A
0.14 A
70
60
50
40
30
20
10
0
0.6
0.4
0
T=Th-Tc (°C)
0
0.2
0.6
0.9
1.2
CP074933-238 PERFORMANCE (Th=50°C)
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com