Electronic Components Datasheet Search
  English  ▼

X  

CP07-M Datasheet(PDF) 1 Page - CUI INC

Part # CP07-M
Description  PELTIER MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP07-M Datasheet(HTML) 1 Page - CUI INC

  CP07-M Datasheet HTML 1Page - CUI INC CP07-M Datasheet HTML 2Page - CUI INC CP07-M Datasheet HTML 3Page - CUI INC CP07-M Datasheet HTML 4Page - CUI INC CP07-M Datasheet HTML 5Page - CUI INC CP07-M Datasheet HTML 6Page - CUI INC CP07-M Datasheet HTML 7Page - CUI INC CP07-M Datasheet HTML 8Page - CUI INC CP07-M Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
date 07/08/2020
page 1 of 12
SERIES: CP07-M
│ DESCRIPTION: PELTIER MODULE
cuidevices.com
FEATURES
• micro size (less than 10 x 10 mm)
• wide ΔT max
• Qmax up to 1.9 W
• Au plating available, suitable for soldering
• precise temperature control
• solid state construction
MODEL
input
voltage1
input
current2
internal
resistance3
output
Qmax4
output
∆Tmax5
max
(Vdc)
max
(A)
typ
(Ω±10%)
T
h=27°C
(W)
T
h=50°C
(W)
T
h=27°C
(°C)
T
h=50°C
(°C)
CP0734-238
0.5
0.7
0.52
0.2
0.2
70
77
CP0734-277P6
0.5
0.7
0.52
0.2
0.2
70
77
CP073450-238
1.0
0.7
1.04
0.4
0.5
70
77
CP074933-238
1.3
0.7
1.43
0.6
0.7
70
77
CP074933-277P6
1.3
0.7
1.43
0.6
0.7
70
77
CP074965-239
2.1
0.7
2.35
0.9
1.0
70
77
CP074965-238P6
2.1
0.7
2.35
0.9
1.0
70
77
CP076581-238
3.9
0.7
4.17
1.7
1.9
70
77
CP076581-238P6
3.9
0.7
4.17
1.7
1.9
70
77
Notes:
1. Maximum voltage at ΔT max and T
h=27°C
2. Maximum current to achieve ΔT max
3. Measured by AC 4-terminal method at 25°C
4. Maximum heat absorbed at cold side occurs at I
max, Vmax, and ∆T=0°C
5. Maximum temperature difference occurs at I
max, Vmax, and Q=0W (ΔT max measured in a vacuum at 1.3 Pa)
6. Gold plating on both sides.
SOLDERABILITY7
parameter
conditions/description
min
typ
max
units
soldering to plates
soldering iron temperature
150
°C
Note:
7. Only for gold plated models. The solder that holds the peltier together melts at 235°C. Caution must taken to not leave the soldering iron in contact with the surface
too long, or damage to the peltier could occur.
Additional Resources: Product Page | 3D Model


Similar Part No. - CP07-M

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
CP07-M SAMESKY-CP07-M Datasheet
2Mb / 12P
PELTIER MODULE
09/12/2024
More results

Similar Description - CP07-M

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CP35 CUI-CP35 Datasheet
714Kb / 8P
PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
PELTIER MODULE
10/18/2019
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
PELTIER MODULE
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com