Electronic Components Datasheet Search
  English  ▼

X  

AMC1350 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1350
Description  AMC1350-Q1 Automotive, Precision, 짹5-V Input, Reinforced Isolated Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1350 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC1350 Datasheet HTML 17Page - Texas Instruments AMC1350 Datasheet HTML 18Page - Texas Instruments AMC1350 Datasheet HTML 19Page - Texas Instruments AMC1350 Datasheet HTML 20Page - Texas Instruments AMC1350 Datasheet HTML 21Page - Texas Instruments AMC1350 Datasheet HTML 22Page - Texas Instruments AMC1350 Datasheet HTML 23Page - Texas Instruments AMC1350 Datasheet HTML 24Page - Texas Instruments AMC1350 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
7.3.3 Analog Output
The AMC1350-Q1 offers a differential analog output on the OUTP and OUTN pins. For differential input voltages
(VINP – VINN) in the range from –5 V to +5 V, the device provides a linear response with a nominal gain of 0.4
V/V. For example, for a differential input voltage of 5 V, the differential output voltage (VOUTP – VOUTN) is 2 V. At
zero input (INP shorted to INN), both pins output the same common-mode output voltage VCMout, as specified in
the Electrical Characteristics table. For absolute differential input voltages greater than 5 V but less than 5.75 V,
the differential output voltage continues to increase in magnitude but with reduced linearity performance. The
outputs saturate at a differential output voltage of VCLIPout, as shown in Figure 7-2, if the differential input voltage
exceeds the VClipping value.
Linear input range (VFSR)
Maximum input range before clipping (VClipping)
6.25 V
6.25 V
5 V
5 V
0
VOUTP
VOUTN
Differential Input Voltage (VINP – VINN)
VCMout
VCLIPout
VFail-safe
Figure 7-2. Output Behavior of the AMC1350-Q1
The AMC1350-Q1 output offers a fail-safe feature that simplifies diagnostics on a system level. Figure 7-2 shows
the fail-safe condition, in which the AMC1350-Q1 outputs a negative differential output voltage that does not
occur under normal operating conditions. The fail-safe output is active in two cases:
• When the high-side supply VDD1 of the AMC1350-Q1 device is missing
• When the high-side supply VDD1 falls below the undervoltage threshold VDD1UV
Use the maximum VFail-safe voltage specified in the Electrical Characteristics table as a reference value for
fail-safe detection on a system level.
7.4 Device Functional Modes
The AMC1350-Q1 is operational when the power supplies VDD1 and VDD2 are applied as specified in the
Recommended Operating Conditions table.
www.ti.com
AMC1350-Q1
SBASAB0 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC1350-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com