Electronic Components Datasheet Search
  English  ▼

X  

AMC23C11 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C11
Description  AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C11 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC23C11 Datasheet HTML 9Page - Texas Instruments AMC23C11 Datasheet HTML 10Page - Texas Instruments AMC23C11 Datasheet HTML 11Page - Texas Instruments AMC23C11 Datasheet HTML 12Page - Texas Instruments AMC23C11 Datasheet HTML 13Page - Texas Instruments AMC23C11 Datasheet HTML 14Page - Texas Instruments AMC23C11 Datasheet HTML 15Page - Texas Instruments AMC23C11 Datasheet HTML 16Page - Texas Instruments AMC23C11 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
7.3 Feature Description
7.3.1 Analog Input
The comparator trips when the input voltage (VIN) rises above the VIT+ threshold that is defined as the reference
value plus the internal hysteresis voltage. The comparator releases when VIN drops below the VIT– threshold that
equals the reference value.
The difference between VIT+ and VIT– is referred to as the comparator hysteresis and is 4 mV for reference
voltages below 450 mV. The integrated hysteresis makes the AMC23C11 less sensitive to input noise and
provides stable operation in noisy environments without having to add external positive feedback to create
hysteresis. The hysteresis increases to 25 mV for reference values (VREF) greater than 600 mV. See the
Reference Input description for more details.
Figure 7-1 shows a timing diagram of the relationship between hysteresis and switching thresholds.
VIN
OUT
VIT+
VIT– (VREF)
VHYS
0 V
LATCH
Figure 7-1. Switching Thresholds and Hysteresis
7.3.2 Reference Input
The voltage on the REF pin determines the trip threshold of the comparator. The internal precision current
source forces a 100-μA current through an external resistor connected from the REF pin to GND1. The resulting
voltage across the resistor (VREF) equals the trip threshold, see Figure 7-1. Place a 100-nF capacitor parallel to
the resistor to filter the reference voltage. This capacitor must be charged by the 100-μA current source during
power-up and the charging time may exceed the high-side blanking time (tHS,BLK). In this case, as shown in
Figure 7-2, the comparator may output an incorrect state after the high-side blanking time has expired until
VREF reaches its final value. See the Power-Up and Power-Down Behavior section for more details on power-up
behavior.
tHS, STA + tHS,BLK
OUT
VREF settling time
low
Output not valid
Output valid
VREF
VDD2
VDD1
ON
<1%
OUT not valid
if VIN is in this range
during power-up
Figure 7-2. Output Behavior for Long Settling Times of the Reference Voltage
www.ti.com
AMC23C11
SBASAC9 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC23C11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com