Electronic Components Datasheet Search
  English  ▼

X  

AMC23C11 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C11
Description  AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C11 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC23C11 Datasheet HTML 17Page - Texas Instruments AMC23C11 Datasheet HTML 18Page - Texas Instruments AMC23C11 Datasheet HTML 19Page - Texas Instruments AMC23C11 Datasheet HTML 20Page - Texas Instruments AMC23C11 Datasheet HTML 21Page - Texas Instruments AMC23C11 Datasheet HTML 22Page - Texas Instruments AMC23C11 Datasheet HTML 23Page - Texas Instruments AMC23C11 Datasheet HTML 24Page - Texas Instruments AMC23C11 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
R24
10
R15
10
DC +
VDD1
GND1
IN
REF
AMC23C11
VDD2
LATCH
OUT
GND2
C15
100 nF
C11
100 nF
C12
1 µF
R11
2.94 k
C13
100 nF
C14
1 µF
R12
4.7 k
DC –
C16
1 nF
M
3~
D1
VCC
D2
SN6501
GND
GND
100 nF
4.7 μF
10 μF
Low-side supply
(3.3 V or 5.5 V)
R20
10 m
R25
10
to MCU
VDD1
GND1
IN
REF
AMC23C11
VDD2
LATCH
OUT
GND2
C25
100 nF
C21
100 nF
C22
1 µF
R21
2.94 k
C23
100 nF
C24
1 µF
from MCU (optional)
C26
1 nF
R10
10 m
+
–
LS Gate Driver supply
(2.7..27 V)
L1
L2
L3
N
N
R14
10
Figure 8-1. Using the AMC23C11 for DC+ and DC– Overcurrent Detection
8.2.1.1 Design Requirements
Table 8-1 lists the parameters for the application example in Figure 8-1.
Table 8-1. Design Requirements
PARAMETER
VALUE
High-side supply voltage
3 V to 27 V
Low-side supply voltage
2.7 V to 5.5 V
Shunt-resistor value
10 mΩ
Overcurrent detection threshold
30 A
www.ti.com
AMC23C11
SBASAC9 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC23C11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com