Electronic Components Datasheet Search
  English  ▼

X  

AMC23C14 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C14
Description  AMC23C14 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C14 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC23C14 Datasheet HTML 9Page - Texas Instruments AMC23C14 Datasheet HTML 10Page - Texas Instruments AMC23C14 Datasheet HTML 11Page - Texas Instruments AMC23C14 Datasheet HTML 12Page - Texas Instruments AMC23C14 Datasheet HTML 13Page - Texas Instruments AMC23C14 Datasheet HTML 14Page - Texas Instruments AMC23C14 Datasheet HTML 15Page - Texas Instruments AMC23C14 Datasheet HTML 16Page - Texas Instruments AMC23C14 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
7.3 Feature Description
7.3.1 Analog Input
The AMC23C14 has a single input that drives both window comparators. Window comparator 1 has an
adjustable threshold and window comparator 2 has a fixed threshold.
The positive comparators trip when the input voltage (VIN) rises above the respective VIT+ threshold that is
defined as the reference value plus the internal hysteresis voltage (for example, 304 mV for the fixed-threshold
comparator). The positive comparators release when VIN drops below the respective VIT– threshold that equals
the reference value (for example, 300 mV for the fixed-threshold comparator). The negative comparators trip
when VIN drops below the respective VIT– threshold that is defined as the negative reference value minus the
internal hysteresis voltage (for example, –304 mV for the fixed-threshold comparator). The negative comparators
release when VIN rises above the respective VIT+ threshold that equals the negative reference value (for
example –300 mV for the fixed-threshold comparator).
The difference between VIT+ and VIT– is referred to as the comparator hysteresis and is 4 mV for reference
voltages below 450 mV. The integrated hysteresis makes the AMC23C14 less sensitive to input noise and
provides stable operation in noisy environments without having to add external positive feedback to create
hysteresis. The hysteresis of Cmp0 increases to 25 mV for reference values (VREF) greater than 600 mV. See
the Reference Input description for more details.
Figure 7-1 shows a timing diagram of the relationship between hysteresis and switching thresholds.
VIN
OUT1
VIT+
VIT– (VREF)
VIT+ (–VREF)
VIT–
VHYS
VHYS
0 V
VIN
OUT2
VIT+
VIT– (300 mV)
VIT+ (–300 mV)
VIT–
VHYS
VHYS
0 V
Figure 7-1. Switching Thresholds and Hysteresis
www.ti.com
AMC23C14
SBAS945 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC23C14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com