Electronic Components Datasheet Search
  English  ▼

X  

AMC23C14 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C14
Description  AMC23C14 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C14 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC23C14 Datasheet HTML 17Page - Texas Instruments AMC23C14 Datasheet HTML 18Page - Texas Instruments AMC23C14 Datasheet HTML 19Page - Texas Instruments AMC23C14 Datasheet HTML 20Page - Texas Instruments AMC23C14 Datasheet HTML 21Page - Texas Instruments AMC23C14 Datasheet HTML 22Page - Texas Instruments AMC23C14 Datasheet HTML 23Page - Texas Instruments AMC23C14 Datasheet HTML 24Page - Texas Instruments AMC23C14 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
regulated supply with the AMC1300B. In that case, the VDD1 pin of the AMC23C14 connects directly to the
VDD1 pin of the AMC1300B and R4 is not needed. The fast response time and high common-mode transient
immunity (CMTI) of the AMC23C14 ensure reliable and accurate operation even in high-noise environments.
8.2.1.1 Design Requirements
Table 8-1 lists the parameters for the application example in Figure 8-1.
Table 8-1. Design Requirements
PARAMETER
VALUE
High-side supply voltage
3 V to 27 V
Low-side supply voltage
2.7 V to 5.5 V
Shunt-resistor value
10 mΩ
Linear input voltage range of the AMC1300B
±250 mV
Maximum peak motor current
±25 A
Overcurrent detection threshold
±20 A
Short-circuit current detection threshold
±30 A
8.2.1.2 Detailed Design Procedure
The value of the shunt resistor in this example is 10 mΩ, determined by the linear input voltage range of the
AMC1300B current-sensing amplifier (±250 mV) and the full-scale current of ±25 A. The short-circuit current
detection threshold of the AMC23C14 is a fixed 300-mV value and places the short-circuit current threshold at
30 A.
At the desired 20-A overcurrent detection level, the voltage drop across the shunt resistor is 10 mΩ × 20 A
= 200 mV. The positive-going trip threshold of window comparator 1 is VREF + VHYS, where VHYS is 4 mV as
specified in the Electrical Characteristics table and VREF is the voltage across R1 that is connected between
the REF and GND1 pins. R1 is calculated as (VTRIP – VHYS) / IREF = (200 mV – 4 mV) / 100 μA = 1.96 kΩ and
matches a value from the E96 series (1% accuracy).
A 10-Ω, 1-nF RC-filter (R5, C6) is placed at the input of the comparator to filter the input signal and reduce
noise sensitivity. This filter adds 10 Ω × 1 nF = 10 ns of propagation delay that must be considered when
calculating the overall response time of the protection circuit. Larger filter constants are preferable to increase
noise immunity if the system can tolerate the additional delay.
Table 8-2 summarizes the key parameters of the design.
Table 8-2. Overcurrent and Short-Circuit Detection Design Example
PARAMETER
VALUE
Reference resistor value (R1)
1.96 kΩ
Reference capacitor value (C5)
100 nF
Reference voltage
196 mV
Reference voltage settling time (to 90% of final value)
470 μs
Overcurrent trip threshold (rising)
200 mV / 20.0 A
Overcurrent trip threshold (falling)
196 mV / 19.6 A
Short-circuit current trip threshold (rising)
304 mV / 30.4 A
Short-circuit current trip threshold (falling)
300 mV / 30.0 A
www.ti.com
AMC23C14
SBAS945 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC23C14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com