Electronic Components Datasheet Search
  English  ▼

X  

TLSV1020 Datasheet(PDF) 1 Page - Marktech Corporate

Part # TLSV1020
Description  Toshiba TLxV1020 SMT LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLSV1020 Datasheet(HTML) 1 Page - Marktech Corporate

  TLSV1020 Datasheet HTML 1Page - Marktech Corporate TLSV1020 Datasheet HTML 2Page - Marktech Corporate TLSV1020 Datasheet HTML 3Page - Marktech Corporate TLSV1020 Datasheet HTML 4Page - Marktech Corporate TLSV1020 Datasheet HTML 5Page - Marktech Corporate TLSV1020 Datasheet HTML 6Page - Marktech Corporate TLSV1020 Datasheet HTML 7Page - Marktech Corporate TLSV1020 Datasheet HTML 8Page - Marktech Corporate TLSV1020 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Toshiba TLxV1020 SMT LED
Features
1.6(L)x0.8(W)x0.6(H)mm Size
InGaAlP Technology
High Luminous Intensity
Low Power Consumption
Suitable for Backlighting
Applications
Backlighting
Series Line−Up
Part Number
Color
Material
TLGV1020
Ultra Bright Yellow Green
InGaAlP
TLOV1020
Ultra Bright Orange
InGaAlP
TLPGV1020
Ultra Pure Green
InGaAlP
TLRMV1020
Ultra Red
InGaAlP
TLSV1020
Ultra Bright High Efficency Red
InGaAlP
TLYV1020
Ultra Bright Yellow
InGaAlP
Maximum Ratings (Ta=25oC)
Part Number
Forward Current
IF
Reverse Voltage
VR
Power Dissipation
PD
Operating Temperature
Topr
Storage Temperature
Tstg
TLGV1020
15
4
34.50
−40 ~ +100
−40 ~ +100
TLOV1020
15
4
34.50
−40 ~ +100
−40 ~ +100
TLPGV1020
15
4
34.50
−40 ~ +100
−40 ~ +100
TLRMV1020
15
4
34.50
−40 ~ +100
−40 ~ +100
TLSV1020
15
4
34.50
−40 ~ +100
−40 ~ +100
TLYV1020
15
4
34.50
−40 ~ +100
−40 ~ +100
Unit
mA
V
mW
o
C
o
C
Company Headquarters
3 Norhway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - TLSV1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLSV5100 VISHAY-TLSV5100 Datasheet
92Kb / 6P
Bicolor Symbol LED in 2.5 x 5 mm Untinted Top-Diffused Package
04-Feb-99
TLSV5100 VISHAY-TLSV5100 Datasheet
109Kb / 6P
Bicolor Symbol LED in 2.5 mm x 5 mm Untinted Top-Diffused Package
23-May-13
TLSV5100 VISHAY-TLSV5100 Datasheet
107Kb / 6P
Bicolor Symbol LED in 2.5 mm x 5 mm Untinted Top-Diffused Package
23-May-13
TLSV5100G VISHAY-TLSV5100G Datasheet
92Kb / 6P
Bicolor Symbol LED in 2.5 x 5 mm Untinted Top-Diffused Package
04-Feb-99
TLSV5100 VISHAY-TLSV5100_V01 Datasheet
107Kb / 6P
Bicolor Symbol LED in 2.5 mm x 5 mm Untinted Top-Diffused Package
23-May-13
More results

Similar Description - TLSV1020

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
TOSHIBA InGaALP LED
TLAU1008A TOSHIBA-TLAU1008A Datasheet
495Kb / 8P
Toshiba TLxU1008A SMT LEDs
logo
Marktech Corporate
TLGE1002A MARKTECH-TLGE1002A Datasheet
493Kb / 8P
Toshiba TLxE1002A SMT LEDs
TLOE1005A MARKTECH-TLOE1005A Datasheet
221Kb / 5P
Toshiba TLxE1005A SMT LEDs
TLGE1008A MARKTECH-TLGE1008A Datasheet
499Kb / 8P
Toshiba TLxE1008A SMT LEDs
TLGE1100 MARKTECH-TLGE1100 Datasheet
406Kb / 8P
Toshiba TLxE1100 SMT LEDs
TLXU1100 MARKTECH-TLXU1100 Datasheet
337Kb / 7P
Toshiba TLxU1100 SMT LEDs
TLRU1002A MARKTECH-TLRU1002A Datasheet
414Kb / 17P
TOSHIBA LED Lamps
TLRK1100C MARKTECH-TLRK1100C Datasheet
394Kb / 14P
TOSHIBA LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com