Electronic Components Datasheet Search
  English  ▼

X  

TLSV1020 Datasheet(PDF) 2 Page - Marktech Corporate

Part # TLSV1020
Description  Toshiba TLxV1020 SMT LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLSV1020 Datasheet(HTML) 2 Page - Marktech Corporate

  TLSV1020 Datasheet HTML 1Page - Marktech Corporate TLSV1020 Datasheet HTML 2Page - Marktech Corporate TLSV1020 Datasheet HTML 3Page - Marktech Corporate TLSV1020 Datasheet HTML 4Page - Marktech Corporate TLSV1020 Datasheet HTML 5Page - Marktech Corporate TLSV1020 Datasheet HTML 6Page - Marktech Corporate TLSV1020 Datasheet HTML 7Page - Marktech Corporate TLSV1020 Datasheet HTML 8Page - Marktech Corporate TLSV1020 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Toshiba TLxV1020 SMT LED
Electrical and Optical Characteristics (Ta=25
o
C)
Part
Number
PWL nm
λP
Material
View
Angle
2
θ1/2
Luminous Intensity
Iv
Forward Voltage
VF
Rev Current
IR
min.
typ.
max.
IF@
min.
typ.
max.
IF@
max.
VR@
TLGV1020
574
InGaAlP
140
o
x 130
o
4.76
14.00
− 5mA
−
2.00
2.30 5mA
10
4V
TLOV1020
612
InGaAlP
140
o
x 130
o
8.50
38.00
− 5mA
−
2.00
2.30 5mA
10
4V
TLPGV1020
562
InGaAlP
140
o
x 130
o
1.53
3.50
− 5mA
−
2.00
2.30 5mA
10
4V
TLRMV1020
636
InGaAlP
140
o
x 130
o
4.76
15.00
− 5mA
−
2.00
2.30 5mA
10
4V
TLSV1020
623
InGaAlP
140
o
x 130
o
8.50
30.00
− 5mA
−
2.00
2.30 5mA
10
4V
TLYV1020
590
InGaAlP
140
o
x 130
o
8.50
25.00
− 5mA
−
2.00
2.30 5mA
10
4V
−
nm
−
deg
mcd
−
V
−
µ A
−
NOTICE:
TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can
malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when
utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in
which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
•
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent
TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide for
Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
•
The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment,
office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor
warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause
loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or spaceship
instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety
devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer’s own risk.
•
Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut
or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not
dispose of the products with other industrial waste or with domestic garbage.
•
The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA
CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is
granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others.
•
The information contained herein is subject to change without notice.
•
Company Headquarters
3 Norhway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com