Electronic Components Datasheet Search
  English  ▼

X  

ADP165 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP165
Description  Very Low Quiescent Current, 150 mA, LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP165 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP165 Datasheet HTML 3Page - Analog Devices ADP165 Datasheet HTML 4Page - Analog Devices ADP165 Datasheet HTML 5Page - Analog Devices ADP165 Datasheet HTML 6Page - Analog Devices ADP165 Datasheet HTML 7Page - Analog Devices ADP165 Datasheet HTML 8Page - Analog Devices ADP165 Datasheet HTML 9Page - Analog Devices ADP165 Datasheet HTML 10Page - Analog Devices ADP165 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
ADP165/ADP166
NOTES
1. NC = NO CONNECT. NOT CONNECTED INTERNALLY.
2. THE EXPOSED PAD MUST BE CONNECTED TO
GROUND. THE EXPOSED PAD ENHANCES THE
THERMAL PERFORMANCE OF THE PACKAGE.
3
GND
1
VOUT
2
NC
4 EN
6 VIN
5 NC
ADP165/
ADP166
TOP VIEW
(Not to Scale)
Figure 6. 6-Lead LFCSP, Fixed Output Pin Configuration
Table 7. Fixed Output, 6-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1 µF or greater capacitor.
2
NC
No Connect. This pin is not connected internally.
3
GND
Ground.
4
EN
Enable Input. Drive EN high to turn on the regulator; drive EN low to turn off the regulator. For automatic startup,
connect EN to VIN.
5
NC
No Connect. This pin is not connected internally. Connect this pin to GND or leave open.
6
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 µF or greater capacitor.
EPAD
Exposed Pad. The exposed pad must be connected to ground. The exposed pad enhances the thermal
performance of the package.
3
GND
1
VOUT
2
ADJ
4 EN
6 VIN
5 NC
ADP165/
ADP166
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. NOT CONNECTED INTERNALLY.
2. THE EXPOSED PAD MUST BE CONNECTED TO
GROUND. THE EXPOSED PAD ENHANCES THE
THERMAL PERFORMANCE OF THE PACKAGE.
Figure 7. 6-Lead LFCSP, Adjustable Output Pin Configuration
Table 8. Adjustable Output, 6-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1 µF or greater capacitor.
2
ADJ
Output Voltage Adjust Pin. Connect the midpoint of the voltage divider between VOUT and GND to this pin to set
the output voltage.
3
GND
Ground.
4
EN
Enable Input. Drive EN high to turn on the regulator; drive EN low to turn off the regulator. For automatic startup,
connect EN to VIN.
5
NC
No Connect. This pin is not connected internally.
6
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 µF or greater capacitor.
EPAD
Exposed Pad. The exposed pad must be connected to ground. The exposed pad enhances the thermal
performance of the package.
Rev. A | Page 7 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com