Electronic Components Datasheet Search
  English  ▼

X  

ADP165 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP165
Description  Very Low Quiescent Current, 150 mA, LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP165 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP165 Datasheet HTML 5Page - Analog Devices ADP165 Datasheet HTML 6Page - Analog Devices ADP165 Datasheet HTML 7Page - Analog Devices ADP165 Datasheet HTML 8Page - Analog Devices ADP165 Datasheet HTML 9Page - Analog Devices ADP165 Datasheet HTML 10Page - Analog Devices ADP165 Datasheet HTML 11Page - Analog Devices ADP165 Datasheet HTML 12Page - Analog Devices ADP165 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet
ADP165/ADP166
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.8 V, VOUT = 3.3 V, IOUT = 1 mA, CIN = COUT = 1 µF, TA = 25°C, unless otherwise noted.
3.35
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
–50
–25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
1µA
100µA
1mA
10mA
100mA
150mA
Figure 9. Output Voltage (VOUT) vs. Junction Temperature
3.35
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
0.001
0.01
1000
100
10
1
0.1
ILOAD (mA)
Figure 10. Output Voltage (VOUT) vs. Load Current (ILOAD)
3.33
3.23
3.24
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.5
5.3
VIN (V)
1µA
100µA
1mA
10mA
100mA
150mA
Figure 11. Output Voltage (VOUT) vs. Input Voltage (VIN)
100
0.1
1
10
–50
–25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
NO LOAD
1µA
100µA
1mA
10mA
100mA
150mA
Figure 12. Ground Current vs. Junction Temperature
100
0.1
1
10
0.001
0.01
1000
100
10
1
0.1
ILOAD (mA)
Figure 13. Ground Current vs. Load Current (ILOAD)
100
0.1
1
10
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.3
5.1
5.5
VIN (V)
NO LOAD
1µA
100µA
1mA
10mA
100mA
150mA
Figure 14. Ground Current vs. Input Voltage (VIN)
Rev. A | Page 9 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com