Electronic Components Datasheet Search
  English  ▼

X  

REF05SM Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF05SM
Description  5V Precision VOLTAGE REFERENCE (Guaranteed Long-Term Stability)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF05SM Datasheet(HTML) 2 Page - Burr-Brown (TI)

  REF05SM Datasheet HTML 1Page - Burr-Brown (TI) REF05SM Datasheet HTML 2Page - Burr-Brown (TI) REF05SM Datasheet HTML 3Page - Burr-Brown (TI) REF05SM Datasheet HTML 4Page - Burr-Brown (TI) REF05SM Datasheet HTML 5Page - Burr-Brown (TI) REF05SM Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
REF05
NOTES: (1)
∆V
OT is defined as the absolute difference between the maximum output and the minimum output voltage over the specified temperature range expressed
as a percentage of 5V:
(2)
∆V
OT specification applies trimmed to +5.000V or untrimmed. (3) TCV
O is defined as ∆VOT divided
by the temperature range. (4) Line and load regulation specifications include the effect of self heating. (5) Sample tested. (6) 10k
Ω potentiometer connected between
V
O and ground with wiper connected to Trim pin. See Figure 1. (7) Pin 3 is insensitive to capacitive loading. The temperature voltage will be modified by 7mV for
each
µA of loading. (8) Samples tested for long term stability are tested with continuous power applied.
∆V
OT =
× 100
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
REF05R
REF05S
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE (
∆V
OT)
I
L = 0mA
4.985
5.00
5.015
4.990
5.00
5.010
V
Change with Temperature(1, 2)
–55
°C to +125°C
0.05
0.27
0.05
0.15
%
OUTPUT VOLTAGE DRIFT(3)
–55
°C to +125°C (TCV
O)
4
15
4
8.5
±ppm/°C
LONG TERM STABILITY(8)
10
25
10
25
±ppm/1K hrs
OUTPUT ADJUSTMENT
RANGE
R
POT = 10kΩ
(6)
±3
±6
±3
±6%
CHANGE IN V
O TEMP
COEFFICIENT WITH
OUTPUT ADJUSTMENT
(–55
°C to +125°C)
R
POT = 10kΩ
(6)
0.7
0.7
ppm/%
OUTPUT VOLTAGE NOISE
0.1Hz to 10Hz(5)
410
4
10
µVp-p
LINE REGULATION(4)
V
IN = 8V to 33V
0.006
0.010
0.006
0.010
%/V
–55
°C to +125°CV
IN = 9V to 33V
0.009
0.015
0.009
0.015
LOAD REGULATION(4)
I
L = 0mA to +10mA
0.005
0.010
0.005
0.008
%/mA
–55
°C to +125°CI
L = 0mA to +10mA
0.008
0.015
0.008
0.012
TURN-ON SETTLING TIME
To
±0.1%
5
5
µs
of Final Value
QUIESCENT CURRENT
No Load
1.0
1.4
1.0
1.4
mA
LOAD CURRENT (Source)
10
21
10
21
mA
LOAD CURRENT (Sink)
–0.3
–0.5
*
*
mA
SHORT-CIRCUIT CURRENT
V
O = 0
30
30
mA
POWER DISSIPATION
15
21
15
21
mW
TEMPERATURE VOLTAGE
OUTPUT(7)
630
630
mV
TEMPERATURE COEFFICIENT
OF TEMPERATURE PIN
VOLTAGE
2.1
2.1
mV/
°C
TEMPERATURE RANGE
Specification
REF05R, S
–55
+125
*
*
°C
SPECIFICATIONS
ELECTRICAL
T
A = +25°C and VS = +15V power supply unless otherwise noted.
|V
MAX – VMIN|
5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com