Electronic Components Datasheet Search
  English  ▼

X  

REF05SM Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF05SM
Description  5V Precision VOLTAGE REFERENCE (Guaranteed Long-Term Stability)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF05SM Datasheet(HTML) 6 Page - Burr-Brown (TI)

  REF05SM Datasheet HTML 1Page - Burr-Brown (TI) REF05SM Datasheet HTML 2Page - Burr-Brown (TI) REF05SM Datasheet HTML 3Page - Burr-Brown (TI) REF05SM Datasheet HTML 4Page - Burr-Brown (TI) REF05SM Datasheet HTML 5Page - Burr-Brown (TI) REF05SM Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
REF05
OUTPUT ADJUSTMENT
The REF05 trim terminal can be used to adjust the voltage
over a 5V
±150mV range. This feature allows the system
designer to trim system errors by setting the reference to a
voltage other than 5V, including 5.12V(1) for binary applica-
tions (see Figure 1).
FIGURE 4. Current Source.
FIGURE 5.
±2.5V Precision Reference.
FIGURE 6. Current Sink.
Adjustment of the output does not significantly affect the
temperature performance of the device. The temperature
coefficient change is approximately 0.7ppm/
°C for 100mV of
output adjustment.
NOTE: (1) 20mV LSB for 8-bit applications.
V
OUT
REF05
V
IN
Trim
GND
+5V Reference with Trimmed Output
2
6
5
4
R
POT
10k
Ω
(Optional)
Output
3
Temp
FIGURE 1.
FIGURE 2. Burn-In Circuit.
REF05
GND
2
4
–18V
+18V
V
IN
TYPICAL APPLICATIONS
FIGURE 3.
±5V Precision Reference.
5k
Ω
OPA177
10k
Ω
10k
Ω
–15V
+15V
–5V
–5V
Trim
GND
V
IN
35
4
2
REF05
0.1µF
V
O
Temp
6
I
OUT =
+ 1mA
5.0V
R
R
I
OUT
GND
V
IN
V
O
Trim
3
2
6
5
4
Voltage Compliance: –25V to +8V
+15V
REF05
Temp
R
1
5.6k
Ω
V
O
+2.5V
V
REF
V
O
–2.5V
OPA177
REF05
R
2
5.6k
Ω
–9V
5V
+
–
R
1
R
1 + R2
V
O =
+
(V
REF)
R
2
R
1 + R2
V
O =
–
(V
REF)
7
6
4
3
2
4
2
6
GND
V
IN
V
O
I
OUT =
+ 1mA
5.0V
R
R
I
OUT
GND
V
IN
V
O
Trim
3
2
6
5
4
Voltage Compliance: –8V to +25V
–15V
REF05
Temp



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com