Electronic Components Datasheet Search
  English  ▼

X  

AP2202 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2202
Description  150mA RF ULDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2202 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2202 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
150mA RF ULDO REGULATOR
AP2202
Preliminary Datasheet
7
Aug. 2005 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Load Regulation (Note 4)
VRLOAD
AP2202-3.3V
IOUT= 0.1mA to 150mA
18
mV
17
AP2202-4.0V
IOUT= 0.1mA to 150mA
19
20
Dropout Voltage (Note 5)
VIN-VO
IOUT=100µA
15
50
mV
70
IOUT=50mA
110
150
230
IOUT=100mA
140
250
300
IOUT=150mA
165
275
350
Quiescent Current
IQ
VEN ≤ 0.4V (shutdown)
0.01
1
µA
VEN ≤ 0.18V (shutdown)
5
Ground Pin Current (Note 6)
IGND
VEN ≥ 2.0V, IOUT=0µA
95
130
µA
150
VEN ≥ 2.0V, IOUT=100µA
98
140
160
VEN ≥ 2.0V, IOUT=50mA
350
600
800
VEN ≥ 2.0V, IOUT=100mA
600
1000
1500
VEN ≥ 2.0V, IOUT=150mA
1300
1900
2500
Ripple Rejection
PSRR
frequency=100Hz, IOUT=100µA75
dB
Current Limit
ILIMIT
VOUT = 0V
320
550
mA
Output Noise
(Regulator B only)
eno
IOUT=50mA, CL=2.2µF,
470 pF from BYP to GND
260
Enable
Input
Logic-Low
Voltage
VIL
Regulator shutdown
0.4
V
0.18
Enable
Input
Logic-High
Voltage
VIH
Regulator enabled
2.0
V
Enable
Input
Logic-Low
Current
IIL
VIL≤ 0.4V
0.01
-1
µA
VIL≤ 0.18V
-2
Enable
Input
Logic-High
Current
IIH
VIL≥ 2.0V
5
20
µA
VIL≥ 2.0V
25
Hz
nV /
VIN=VOUT +1V, IOUT = 100µA, CL = 2.2µF, VEN≥ 2.0V, TJ = 25
oC, Bold typeface applies over -40oC<T
J<125
oC, unless other-
wise specified.
Electrical Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com