Electronic Components Datasheet Search
  English  ▼

X  

AP2202 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP2202
Description  150mA RF ULDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2202 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2202 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2202 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
150mA RF ULDO REGULATOR
AP2202
Preliminary Datasheet
8
Aug. 2005 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Output Voltage vs. Junction Temperature
-60
-40
-20
0
20
40
60
80
100
120
140
2.700
2.725
2.750
2.775
2.800
2.825
2.850
2.875
2.900
Junction Temperature (
oC)
AZ2202-2.8V
Figure 5. Dropout Voltage vs. Junction Temperature
-60
-40
-20
0
20
40
60
80
100
120
140
0
50
100
150
200
250
300
350
Junction Temperature (
oC)
I
OUT
=50mA
I
OUT
=100mA
I
OUT
=150mA
C
IN
=1.0µF, C
L
=2.2µF, C
BYP
=1nF
Electrical Characteristics (Continued)
Note 3: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature
range.
Note 4: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load
regulation in the load range from 0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal
regulation specification.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value measured at 1V differential.
Note 6: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the
supply is the sum of the load current plus the ground pin current.
Figure 6. Quiescent Current vs. Output Current
Figure 7. Quiescent Current vs. Junction Temperature
-60
-40
-20
0
20
40
60
80
100
120
140
-2000
-1000
0
1000
2000
3000
4000
5000
AP2202-2.8V
I
OUT
=50mA
I
OUT
=100mA
I
OUT
=150mA
V
IN
=3.8V,V
EN
=2.0V,C
IN
=1.0µF,
C
L
=2.2µF,C
BYP
=1nF
Junction Temperature (
oC)
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
-4
-3
-2
-1
0
1
2
3
4
5
6
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com