Electronic Components Datasheet Search
  English  ▼

X  

WF200D Datasheet(PDF) 13 Page - Silicon Laboratories

Part # WF200D
Description  WF200 Data Sheet: Wi-Fi짰 Network Co-Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

WF200D Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button WF200D Datasheet HTML 9Page - Silicon Laboratories WF200D Datasheet HTML 10Page - Silicon Laboratories WF200D Datasheet HTML 11Page - Silicon Laboratories WF200D Datasheet HTML 12Page - Silicon Laboratories WF200D Datasheet HTML 13Page - Silicon Laboratories WF200D Datasheet HTML 14Page - Silicon Laboratories WF200D Datasheet HTML 15Page - Silicon Laboratories WF200D Datasheet HTML 16Page - Silicon Laboratories WF200D Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
4.5.1 RF Receiver Characteristics
Table 4.5. RF Receiver Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
RX Sensitivity for 8% FER
(1024 Octet)
SENSB
802.11b: 1 Mbps, at antenna
—
-96.3
—
dBm
802.11b: 1 Mbps, at pin
—
-96.7
—
dBm
802.11b: 11 Mbps, at antenna
—
-88.3
—
dBm
802.11b: 11 Mbps, at pin
—
-88.7
—
dBm
RX Sensitivity for 10% PER
(1024 Octet)
SENSG
802.11g: 6 Mbps, at antenna
—
-91.6
—
dBm
802.11g: 6 Mbps, at pin
—
-92
—
dBm
802.11g: 54 Mbps, at antenna
—
-74.8
—
dBm
802.11g: 54 Mbps, at pin
—
-75.2
—
dBm
RX Sensitivity for 10% PER
(4096 Octet)
SENSEN
802.11n: MCS=0, at antenna
—
-91.1
—
dBm
802.11n: MCS=0, at pin
—
-91.5
—
dBm
802.11n: MCS=7, at antenna
—
-71.8
—
dBm
802.11n: MCS=7, at pin
—
-72.2
—
dBm
Adjacent Channel ( ± 30
MHz) Selectivity with desired
signal at 6 dB above refer-
ence sensitivity for 8% FER
(1024 Octet)
ACSWB
802.11b: 1 Mbps
—
54.4
—
dBc
802.11b: 11 Mbps
—
40.4
—
dBc
Adjacent Channel ( ± 25
MHz) Selectivity with desired
signal at 3 dB above refer-
ence sensitivity for 10% PER
(1024 Octet)
ACSWG
802.11g: 6 Mbps
—
45.4
—
dBc
802.11g: 54 Mbps
—
32.9
—
dBc
Adjacent Channel ( ± 25
MHz) Selectivity with desired
signal at 3 dB above refer-
ence sensitivity for 10% FER
(4096 Octet)
ACSWN
802.11n: MCS=0
—
45.9
—
dBc
802.11n: MCS=7
—
30.5
—
dBc
2nd Adjacent Channel Sele-
citivity ( ± 50 MHz) with de-
sired at 6 dB above refer-
ence sensitivity 8% FER
(1024 Octet)
A2CSWB
802.11b: 1 Mbps
—
59.7
—
dBc
802.11b: 11 Mbps
—
52.1
—
dBc
2nd Adjacent Channel Sele-
citivity ( ± 50 MHz) with de-
sired at 3 dB above refer-
ence sensitivity 10% PER
(1024 Octet)
A2CSWG
802.11g: 6 Mbps
—
55.1
—
dBc
802.11g: 54 Mbps
—
38.2
—
dBc
2nd Adjacent Channel Sele-
citivity ( ± 50 MHz) with de-
sired at 3 dB above refer-
ence sensitivity 10% PER
(4096Octet)
A2CSWN
802.11n: MCS=0
—
54.8
—
dBc
802.11n: MCS=7
—
35.7
—
dBc
WF200 Data Sheet: Wi-Fi® Network Co-Processor
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.1 | 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com